Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 9Page - Analog Devices AD8332ACP-R2 Datasheet HTML 10Page - Analog Devices AD8332ACP-R2 Datasheet HTML 11Page - Analog Devices AD8332ACP-R2 Datasheet HTML 12Page - Analog Devices AD8332ACP-R2 Datasheet HTML 13Page - Analog Devices AD8332ACP-R2 Datasheet HTML 14Page - Analog Devices AD8332ACP-R2 Datasheet HTML 15Page - Analog Devices AD8332ACP-R2 Datasheet HTML 16Page - Analog Devices AD8332ACP-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 13 of 40
60
50
40
30
20
10
0
–10
100k
1M
10M
100M
500M
FREQUENCY (Hz)
VGAIN = 1V
VGAIN = 0.8V
VGAIN = 0.6V
VGAIN = 0.4V
VGAIN = 0.2V
VGAIN = 0V
Figure 13. Frequency Response for Various Values of VGAIN, HILO = HI
30
20
–30
–20
–10
0
10
100k
1M
10M
100M
500M
FREQUENCY (Hz)
RIN = RS = 50Ω
RIN = RS = 75Ω
RIN = RS = 100Ω
RIN = RS = 200Ω
RIN = RS = 500Ω
RIN = RS = 1kΩ
VGAIN = 0.5V
Figure 14. Frequency Response for Various Matched Source Impedances
30
–30
–20
–10
0
10
20
100k
1M
10M
100M
500M
FREQUENCY (Hz)
VGAIN = 0.5V
RFB = ∞
Figure 15. Frequency Response, Unterminated LNA, RS = 50 Ω
0
–120
–100
–80
–60
–40
–20
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT = 1V p-p
VGAIN = 1.0V
VGAIN = 0.7V
VGAIN = 0.4V
AD8332
AD8334
Figure 16. Channel-to-Channel Crosstalk vs.
Frequency for Various Values of VGAIN
50
0
5
10
15
20
25
30
35
40
45
100k
1M
10M
100M
FREQUENCY (Hz)
0.1µF
COUPLING
1µF
COUPLING
Figure 17. Group Delay vs. Frequency for Two Values of AC Coupling
20
–20
–10
0
10
20
–20
–10
0
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
T = +85°C
T = +25°C
T = –40°C
T = +85°C
T = +25°C
T = –40°C
HI GAIN
LO GAIN
Figure 18. Representative Differential Output Offset Voltage vs.
VGAIN at Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com