Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 21Page - Analog Devices AD8332ACP-R2 Datasheet HTML 22Page - Analog Devices AD8332ACP-R2 Datasheet HTML 23Page - Analog Devices AD8332ACP-R2 Datasheet HTML 24Page - Analog Devices AD8332ACP-R2 Datasheet HTML 25Page - Analog Devices AD8332ACP-R2 Datasheet HTML 26Page - Analog Devices AD8332ACP-R2 Datasheet HTML 27Page - Analog Devices AD8332ACP-R2 Datasheet HTML 28Page - Analog Devices AD8332ACP-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 25 of 40
The linear-in-dB gain-control interface is trimmed for slope
and absolute accuracy. The gain range is 48 dB, extending from
−4.5 dB to +43.5 dB in HI gain and +7.5 dB to +55.5 dB in LO
gain mode. The slope of the gain control interface is 50 dB/V,
and the gain control range is 40 mV to 1 V. Equation 1 and
Equation 2 are the expressions for gain.
GAIN (dB) = 50 (dB/V) × VGAIN − 6.5 dB, (HILO = LO)
(1)
or
GAIN (dB) = 50 (dB/V) × VGAIN + 5.5 dB, (HILO = LO)
(2)
The ideal gain characteristics are shown in Figure 73.
60
50
40
30
20
10
0
–10
0
0.2
0.4
0.6
0.8
1.0
1.1
VGAIN (V)
HILO = HI
HILO = LO
ASCENDING GAIN MODE
DESCENDING GAIN MODE
(WHERE AVAILABLE)
Figure 73. Ideal Gain Control Characteristics
The gain slope is negative with the MODE pulled high (where
available):
GAIN (dB) = −50 (dB/V) × VGAIN + 45.5 dB, (HILO = LO)
(3)
or
GAIN (dB) = −50 (dB/V) × VGAIN + 57.5 dB, (HILO = HI)
(4)
The LNA converts a single-ended input to a differential output
with a voltage gain of 19 dB. If only one output is used, the gain
is 13 dB. The inverting output is used for active input impedance
termination. Each of the LNA outputs is capacitively coupled to
a VGA input. The VGA consists of an attenuator with a range of
48 dB followed by an amplifier with 21 dB of gain for a net gain
range of −27 dB to +21 dB. The X-AMP gain-interpolation
technique results in low gain error and uniform bandwidth, and
differential signal paths minimize distortion.
The final stage is a logic programmable amplifier with gains of
3.5 dB or 15.5 dB. The LO and HI gain modes are optimized for
12-bit and 10-bit ADC applications, in terms of output-referred
noise and absolute gain range. Output voltage limiting can be
programmed by the user.
LOW NOISE AMPLIFIER (LNA)
Good noise performance relies on a proprietary ultralow noise
preamplifier at the beginning of the signal chain, which minimizes
the noise contribution in the following VGA. Active impedance
control optimizes noise performance for applications that benefit
from input matching.
A simplified schematic of the LNA is shown in Figure 74. INH
is capacitively coupled to the source. An on-chip bias generator
establishes dc input bias voltages of 3.25 V and centers the
output common-mode levels at 2.5 V. A Capacitor CLMD of the
same value as the Input Coupling Capacitor CINH is connected
from the LMD pin to ground.
RS
CINH
CSH
I0
I0
I0
I0
Q1
Q2
VPOS
LOP
INH
LON
CLMD
LMD
CFB
RFB
Figure 74. Simplified LNA Schematic
The LNA supports differential output voltages as high as 5 V p-p
with positive and negative excursions of ±1.25 V, about a
common-mode voltage of 2.5 V. Because the differential gain
magnitude is 9, the maximum input signal before saturation is
±275 mV or +550 mV p-p. Overload protection ensures quick
recovery time from large input voltages. Because the inputs are
capacitively coupled to a bias voltage near midsupply, very large
inputs can be handled without interacting with the ESD protection.
Low value feedback resistors and the current-driving capability
of the output stage allow the LNA to achieve a low input-referred
voltage noise of 0.74 nV/√Hz. This is achieved with a current
consumption of only 11 mA per channel (55 mW). On-chip
resistor matching results in precise single-ended gains of 4.5×
(9× differential), critical for accurate impedance control. The
use of a fully differential topology and negative feedback
minimizes distortion. Low HD2 is particularly important in
second harmonic ultrasound imaging applications. Differential
signaling enables smaller swings at each output, further
reducing third-order distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com