Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 11Page - Analog Devices AD8332ACP-R2 Datasheet HTML 12Page - Analog Devices AD8332ACP-R2 Datasheet HTML 13Page - Analog Devices AD8332ACP-R2 Datasheet HTML 14Page - Analog Devices AD8332ACP-R2 Datasheet HTML 15Page - Analog Devices AD8332ACP-R2 Datasheet HTML 16Page - Analog Devices AD8332ACP-R2 Datasheet HTML 17Page - Analog Devices AD8332ACP-R2 Datasheet HTML 18Page - Analog Devices AD8332ACP-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 15 of 40
500
400
300
200
100
0
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
LO GAIN
HI GAIN
AD8332
AD8334
AD8331
f = 10MHz
Figure 25. Output-Referred Noise vs. VGAIN
2.5
2.0
1.5
1.0
0.5
100k
1M
10M
100M
FREQUENCY (Hz)
RS = 0, RFB = ∞, VGAIN = 1V,
HILO = LO OR HI
Figure 26. Short-Circuit, Input-Referred Noise vs. Frequency
100
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
RS = 0, RFB = ∞,
HILO = LO OR HI, f = 10MHz
Figure 27. Short-Circuit, Input-Referred Noise vs. VGAIN
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
RS = 0, RFB = ∞,
VGAIN = 1V, f = 10MHz
Figure 28. Short-Circuit, Input-Referred Noise vs. Temperature
10
1
0.1
1
10
100
1k
SOURCE RESISTANCE (Ω)
f = 5MHz, RFB = ∞,
VGAIN = 1V
RS THERMAL NOISE
ALONE
Figure 29. Input-Referred Noise vs. RS
7
6
5
4
3
2
1
0
50
100
1k
SOURCE RESISTANCE (Ω)
INCLUDES NOISE OF VGA
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RFB = ∞
SIMULATION
Figure 30. Noise Figure vs. RS for Various Values of RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com