Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 20Page - Analog Devices AD8332ACP-R2 Datasheet HTML 21Page - Analog Devices AD8332ACP-R2 Datasheet HTML 22Page - Analog Devices AD8332ACP-R2 Datasheet HTML 23Page - Analog Devices AD8332ACP-R2 Datasheet HTML 24Page - Analog Devices AD8332ACP-R2 Datasheet HTML 25Page - Analog Devices AD8332ACP-R2 Datasheet HTML 26Page - Analog Devices AD8332ACP-R2 Datasheet HTML 27Page - Analog Devices AD8332ACP-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 24 of 40
THEORY OF OPERATION
OVERVIEW
The following discussion applies to all part numbers. Figure 69,
Figure 70, and Figure 71 are functional block diagrams of the
AD8331, AD8332, and AD8334, respectively.
VOL
VOH
LNA
ATTENUATOR
–48dB
–
+
INH
LMD
VIN
VIP
LOP
LON
ENBV
GAIN
AD8331
+
–
MODE
HILO
3.5dB/
15.5dB
RCLMP
VMID
VCM
VGA BIAS AND
INTERPOLATOR
ENBL
GAIN
INT
LNA
BIAS
PA
21dB
CLAMP
Figure 69. AD8331 Functional Block Diagram
LNA 2
LNA 1
+19dB
INH1
LON1 LOP1
LON2 LOP2
VIP1
VIP2
VIN1
VIN2
LMD1
LMD2
INH2
BIAS
(VMID)
PA1
PA2
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
3.5dB/
15.5dB
ENB
GAIN
INT
VOH1
VOL1
VOL2
GAIN
VOH2
RCLMP
HILO
AD8332
VMID
VCM1
VMID
VCM2
CLAMP
21dB
21dB
Figure 70. AD8332 Functional Block Diagram
CLAMP34
LNA 2
LNA 1
INH1
LON1 LOP1 VIP1 VIN1 EN12
LMD1
LMD2
INH2
LON2
LOP2
VIP2
LNA
BIAS
PA1
PA2
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
GAIN UP/
DOWN
VMID1
CLAMP
GAIN
INT
VOH1
CLMP12
VOL1
VOL2
GAIN12
HILO
VOH2
VIN2
MODE
VCM1
VMID2
VMID3
VCM2
VCM3
VMID4
LNA 4
LNA 3
INH3
LON3
LOP3
LMD3
LMD4
INH4
LNA
BIAS
PA3
PA4
– ATTENUATOR
–48dB
+
VGA BIAS AND
INTERPOLATOR
+ ATTENUATOR
–48dB
–
GAIN
INT
VOH3
VOL3
VOL4
GAIN34
VOH4
CLMP34
21dB
21dB
21dB
21dB
VIP3
VIN3
VCM4
EN34
VIN4
VIP4
LON4
LOP4
AD8334
Figure 71. AD8334 Functional Block Diagram
Each channel contains an LNA that provides user-adjustable
input impedance termination, a differential X-AMP VGA, and a
programmable gain postamplifier with adjustable output voltage
limiting. Figure 72 shows a simplified block diagram with
external components.
+
LNA
–
VOL
VOH
HILO
INH
LMD
LOP
LON
PRE-AMPLIFIER
19dB
3.5dB/15.5dB
SIGNAL PATH
BIAS AND
INTERPOLATOR
VIN
VIP
RCLMP
BIAS
(VMID)
POST-
AMP
21dB
VCM
VMID
CLAMP
48dB
ATTENUATOR
GAIN
INTERFACE
GAIN
Figure 72. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com