Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 16Page - Analog Devices AD8332ACP-R2 Datasheet HTML 17Page - Analog Devices AD8332ACP-R2 Datasheet HTML 18Page - Analog Devices AD8332ACP-R2 Datasheet HTML 19Page - Analog Devices AD8332ACP-R2 Datasheet HTML 20Page - Analog Devices AD8332ACP-R2 Datasheet HTML 21Page - Analog Devices AD8332ACP-R2 Datasheet HTML 22Page - Analog Devices AD8332ACP-R2 Datasheet HTML 23Page - Analog Devices AD8332ACP-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 20 of 40
TEST CIRCUITS
MEASUREMENT CONSIDERATIONS
Figure 55 through Figure 68 show typical measurement
configurations and proper interface values for measurements
with 50 Ω conditions.
Short-circuit input noise measurements are made using Figure 62.
The input-referred noise level is determined by dividing the
output noise by the numerical gain between Point A and Point B
and accounting for the noise floor of the spectrum analyzer.
The gain should be measured at each frequency of interest and
with low signal levels because a 50 Ω load is driven directly. The
generator is removed when noise measurements are made.
LMD
18nF
22pF
FERRITE
BEAD
120nH
IN
OUT
0.1µF
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
270Ω
INH
237Ω
0.1µF
0.1µF
Figure 55. Gain and Bandwidth Measurements
LMD
18nF
22pF
IN
OUT
0.1µF
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
INH
237Ω
0.1µF
0.1µF
10kΩ
10kΩ
FERRITE
BEAD
120nH
Figure 56. Frequency Response for Various Matched Source Impedances
LMD
22pF
IN
OUT
0.1µF
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
0.1µF
INH
237Ω
0.1µF
FERRITE
BEAD
120nH
Figure 57. Frequency Response for Unterminated LNA, RS = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com