Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 39Page - Texas Instruments TMS320C6421 Datasheet HTML 40Page - Texas Instruments TMS320C6421 Datasheet HTML 41Page - Texas Instruments TMS320C6421 Datasheet HTML 42Page - Texas Instruments TMS320C6421 Datasheet HTML 43Page - Texas Instruments TMS320C6421 Datasheet HTML 44Page - Texas Instruments TMS320C6421 Datasheet HTML 45Page - Texas Instruments TMS320C6421 Datasheet HTML 46Page - Texas Instruments TMS320C6421 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
Table 2-25. Standalone GPIO 3.3 V Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
Standalone GPIO 3.3 V
IPD
GP[0]
E1
E1
I/O/Z
This pin functions as standalone GPIO pin 0.
DVDD33
IPD
GP[1]
E2
E2
I/O/Z
This pin functions as standalone GPIO pin 1.
DVDD33
IPD
GP[2]
E3
F1
I/O/Z
This pin functions as standalone GPIO pin 2.
DVDD33
IPD
GP[3]
E4
F2
I/O/Z
This pin functions as standalone GPIO pin 3.
DVDD33
GP[22]/
IPD
F18
J20
I/O/Z
(BOOTMODE0)
DVDD33
GP[23]/
IPD
F15
K20
I/O/Z
(BOOTMODE1)
DVDD33
GP[24]/
IPD
These pins function as boot configuration pins during device reset.
G15
L20
I/O/Z
(BOOTMODE2)
DVDD33
After device reset, these pins function as standalone GPIO.
GP[25]/
IPD
G16
H21
I/O/Z
(BOOTMODE3)
DVDD33
GP[26]/
IPD
G17
K19
I/O/Z
(FASTBOOT)
DVDD33
IPD
GP[36]
C15
B19
I/O/Z
This pin functions as standalone GPIO pin 36.
DVDD33
IPD
GP[37]
B15
B18
I/O/Z
This pin functions as standalone GPIO pin 37.
DVDD33
IPD
GP[38]
C14
B17
I/O/Z
This pin functions as standalone GPIO pin 38.
DVDD33
IPD
GP[39]
B14
A16
I/O/Z
This pin functions as standalone GPIO pin 39.
DVDD33
IPD
GP[40]
D14
C18
I/O/Z
This pin functions as standalone GPIO pin 40.
DVDD33
IPD
GP[41]
C13
B16
I/O/Z
This pin functions as standalone GPIO pin 41.
DVDD33
IPD
GP[42]
B13
B15
I/O/Z
This pin functions as standalone GPIO pin 42.
DVDD33
IPD
GP[43]
A12
A15
I/O/Z
This pin functions as standalone GPIO pin 43.
DVDD33
IPD
GP[53]
A13
A17
I/O/Z
This pin functions as standalone GPIO pin 53.
DVDD33
IPD
GP[54]
A14
A18
I/O/Z
This pin functions as standalone GPIO pin 54.
DVDD33
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com