Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 21Page - Texas Instruments TMS320C6421 Datasheet HTML 22Page - Texas Instruments TMS320C6421 Datasheet HTML 23Page - Texas Instruments TMS320C6421 Datasheet HTML 24Page - Texas Instruments TMS320C6421 Datasheet HTML 25Page - Texas Instruments TMS320C6421 Datasheet HTML 26Page - Texas Instruments TMS320C6421 Datasheet HTML 27Page - Texas Instruments TMS320C6421 Datasheet HTML 28Page - Texas Instruments TMS320C6421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between EMIFA and GPIO.
EM_A[4]/
IPD
A17
B21
I/O/Z
GP[10]/(PLLMS2)
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 4 output EM_A[4].
This pin is multiplexed between EMIFA and GPIO.
EM_A[3]/
IPD
B18
D21
I/O/Z
GP[11]
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 3 output EM_A[3].
This pin is multiplexed between EMIFA and GPIO.
EM_A[2]/(CLE)/
IPD
B16
A20
I/O/Z
GP[8]/(PLLMS0)
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 2 output EM_A[2].
This pin is multiplexed between EMIFA and GPIO.
EM_A[1]/(ALE)/
IPD
A16
B20
I/O/Z
GP[9]/(PLLMS1)
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address output EM_A[1].
This pin is multiplexed between EMIFA and GPIO.
For EMIFA (AEM[2:0] = 010), this pin is Address output EM_A[0],
EM_A[0]/
IPD
B17
C21
I/O/Z
which is the least significant bit on a 32-bit word address.
GP[7]/(AEM2)
DVDD33
For an 8-bit asynchronous memory, this pin is the 3rd bit of the
address.
EM_D0/
IPD
D16
E21
I/O/Z
GP[14]
DVDD33
EM_D1/
IPD
D18
G20
I/O/Z
GP[15]
DVDD33
EM_D2/
IPD
D17
E22
I/O/Z
GP[16]
DVDD33
EM_D3/
IPD
These pins are multiplexed between EMIFA and GPIO.
E16
F20
I/O/Z
GP[17]
DVDD33
For EMIFA (AEM[2:0] = 010), these pins are the 8-bit bi-directional
EM_D4/
IPD
E18
G21
I/O/Z
data bus (EM_D[7:0]).
GP[18]
DVDD33
EM_D5/
IPD
E17
F22
I/O/Z
GP[19]
DVDD33
EM_D6/
IPD
F16
F21
I/O/Z
GP[20]
DVDD33
EM_D7/
IPD
F17
H20
I/O/Z
GP[21]
DVDD33
EMIFA FUNCTIONAL PINS: 8-Bit NAND (EMIFA Pinout Mode 2, AEM[2:0] = 010)
This pin is multiplexed between EMIFA (NAND) and GPIO.
EM_A[1]/(ALE)/
IPD
A16
B20
I/O/Z
When used for EMIFA (NAND) , this pin is the Address Latch Enable
GP[9]/(PLLMS1)
DVDD33
output (ALE).
This pin is multiplexed between EMIFA (NAND) and GPIO.
EM_A[2]/(CLE)/
IPD
B16
A20
I/O/Z
When used for EMIFA (NAND) , this pin is the Command Latch
GP[8]/(PLLMS0)
DVDD33
Enable output (CLE).
EM_WAIT/
IPU
E15
D20
I/O/Z
When used for EMIFA (NAND), it is ready/busy input (RDY/BSY).
(RDY/BSY)
DVDD33
IPU
EM_OE
D15
D19
I/O/Z
When used for EMIFA (NAND), this pin is read enable output (RE).
DVDD33
IPU
EM_WE
E14
C19
I/O/Z
When used for EMIFA (NAND), this pin is write enable output (WE).
DVDD33
This pin is multiplexed between EMIFA (NAND) and GPIO.
For EMIFA (NAND), this pin is Chip Select 2 output EM_CS2 for use
with NAND flash.
EM_CS2/
IPD
This is the chip select for the default boot and ROM boot modes.
C19
C22
I/O/Z
GP[12]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
Submit Documentation Feedback
Device Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com