Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 49Page - Texas Instruments TMS320C6421 Datasheet HTML 50Page - Texas Instruments TMS320C6421 Datasheet HTML 51Page - Texas Instruments TMS320C6421 Datasheet HTML 52Page - Texas Instruments TMS320C6421 Datasheet HTML 53Page - Texas Instruments TMS320C6421 Datasheet HTML 54Page - Texas Instruments TMS320C6421 Datasheet HTML 55Page - Texas Instruments TMS320C6421 Datasheet HTML 56Page - Texas Instruments TMS320C6421 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
www.ti.com
5.2 Recommended Operating Conditions
(1)
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
MIN
NOM
MAX
UNIT
(-600, -500,
1.14
1.2
1.26
V
-400 devices)
CVDD
Supply voltage, Core (CVDD) (2)
(-400 devices)
1.0
1.05
1.1
V
Supply voltage, I/O, 3.3V (DVDD33)
3.14
3.3
3.46
V
DVDD
Supply voltage, I/O, 1.8V (DVDDR2, DDR_VDDDLL, PLLPWR18,
1.71
1.8
1.89
V
MXVDD(3))
VSS
Supply ground (VSS, DDR_VSSDLL, MXVSS(4))
0
0
0
V
DDR_VREF
DDR2 reference voltage(5)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to V
SS
VSS
V
DDR_ZN
DDR2 impedance control, connected via 200
Ω resistor to DV
DDR2
DVDDR2
V
High-level input voltage, 3.3V (except I2C pins)
2
V
VIH
High-level input voltage, I2C
0.7DVDD33
Low-level input voltage, 3.3V (except I2C pins)
0.8
V
VIL
Low-level input voltage, I2C
0
0.3DVDD33
V
Commercial
0
90
°C
TJ
Operating Junction temperature(6)(7)
Extended
–40
125
°C
Commercial
0
70
°C
TA
Operating Ambient Temperature(7)
Extended
-40
85
°C
(-600 devices)
600
MHz
FSYSCLK1
DSP Operating Frequency (SYSCLK1)
(-500 devices)
500
MHz
(-400 devices)
400
MHz
(1)
For -400 speed devices, either a 1.05-V or a 1.2-V core supply voltage can be used. The actual voltage must be determined at device
power-up, and not be changed dynamically during run-time.
(2)
Future variants of TI SOC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2, 1.26 V with ± 3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Not incorporating a flexible supply may limit the system's ability to easily adapt to future versions of TI SOC
devices.
(3)
Oscillator 1.8 V power supply (MXVDD) can be connected to the same 1.8 V power supply as DVDDR2.
(4)
Oscillator ground (MXVSS) must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(5)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
(6)
In the absence of a heat sink or direct thermal attachment on the top of the device, use the following formula to determine the device
junction temperature: TJ = TC + (Power x PsiJT). Power and TC can be measured by the user. Section 7.1, Thermal Data for ZWT and
Section 7.1.1, Thermal Data for ZDU provide the junction-to-package top (PSIJT) value based on airflow in the system. In the presence
of a heat sink or direct thermal attachment on the top of the device, additional calculations and considerations must be taken into
account. For more detailed information on thermal considerations, measurements, and calculations, see the TMS320C642x Thermal
Considerations Application Report (literuature number SPRAATBD).
(7)
Applications must meet both the Operating Junction Temperature and Operating Ambient Temperature requirements. For more detailed
information on thermal considerations, measurements, and calculations, see the TMS320C642x Thermal Considerations Application
Report (literature number SPRAATBD).
Submit Documentation Feedback
Device Operating Conditions
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com