Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments TMS320C6421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
Table 2-1, provides an overview of the TMS320C6421 DSP. The tables show significant features of the
C6421 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 2-1. Characteristics of the C6421 Processor
HARDWARE FEATURES
C6421
DDR2 Memory Controller
(16-bit bus width) [1.8 V I/O]
Asynchronous (8-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (8-bit NOR or 8-bit NAND)
EDMA3
1 (64 independent channels, 8 QDMA channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
Peripherals
UART
1 with RTS and CTS flow control
Not all peripherals pins
I2C
1 (Master/Slave)
are available at the same
time (For more detail, see
McBSP
1
the Device Configuration
McASP
1 (4 serailizers)
section).
10/100 Ethernet MAC (EMAC) with
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
Size (Bytes)
96KB RAM, 64KB ROM
16K-Byte (16KB) L1 Program (L1P) RAM/Cache
On-Chip Memory
16KB L1 Data (L1D) RAM/Cache
Organization
64KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See theTMS320C6424/21 Digital Signal Processor
Megamodule Rev ID
(address location: 0x0181 2000)
(DSP) [Silicon Revisions 1.1 and 1.0] Silicon Errata
(literature number SPRZ252).
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
JTAGID register
See Section 6.1.1, JTAG Peripheral Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s) – JTAG ID Register
CPU Frequency
MHz
400, 500, 600
2.5 ns (-400)
Cycle Time
ns
2 ns (-500)
1.67 ns (-600)
Core (V)
1.2 V (-600, -500, -400), 1.05 V (-400)
Voltage
I/O (V)
1.8 V, 3.3 V
MXI/CLKIN frequency multiplier
PLL Options
x1 (Bypass), x14 to x 32
(15–30 MHz reference)
16 x 16 mm, 0.8 mm pitch
361-Pin BGA (ZWT)
BGA Package(s)
23 x 23 mm, 1.0 mm pitch
376-Pin BGA (ZDU)
Process Technology
µm
0.09
µm
Product Preview (PP), Advance Information (AI),
Product Status(1)
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns experimental products (designated as TMX) that are in the formative or design phase of
development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
Device Overview
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com