Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 47Page - Texas Instruments TMS320C6421 Datasheet HTML 48Page - Texas Instruments TMS320C6421 Datasheet HTML 49Page - Texas Instruments TMS320C6421 Datasheet HTML 50Page - Texas Instruments TMS320C6421 Datasheet HTML 51Page - Texas Instruments TMS320C6421 Datasheet HTML 52Page - Texas Instruments TMS320C6421 Datasheet HTML 53Page - Texas Instruments TMS320C6421 Datasheet HTML 54Page - Texas Instruments TMS320C6421 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
www.ti.com
C64x+t DSP:
C6424
C6421
PREFIX
TMX
320
C6421
ZWT
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320t DSP family
PACKAGE TYPE(A)
ZWT = 361-pin plastic BGA, with Pb-Free soldered balls
ZDU = 376-pin plastic BGA, with Pb-Free soldered balls [Green]
DEVICE
A. BGA = Ball Grid Array
B. For “TMX” initial devices, the device number is C6424. The temperature range is A (extended temperature), and the device speed is left blank.
DEVICE SPEED RANGE
( )
400 MHz
500 MHz
600 MHz
TEMPERATURE RANGE (JUNCTION)
( )
Blank
= 0
°C to 90°C, Commercial Temperature
A
= −40
°C to 125°C, Extended Temperature
A
SILICON REVISION
Blank = Revision 1.0
A
= Revision 1.1
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
Figure 2-14. Device Nomenclature(B)
Submit Documentation Feedback
Device Overview
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com