Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 50Page - Texas Instruments TMS320C6421 Datasheet HTML 51Page - Texas Instruments TMS320C6421 Datasheet HTML 52Page - Texas Instruments TMS320C6421 Datasheet HTML 53Page - Texas Instruments TMS320C6421 Datasheet HTML 54Page - Texas Instruments TMS320C6421 Datasheet HTML 55Page - Texas Instruments TMS320C6421 Datasheet HTML 56Page - Texas Instruments TMS320C6421 Datasheet HTML 57Page - Texas Instruments TMS320C6421 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
www.ti.com
5.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346A – JANUARY 2007 – REVISED MARCH 2007
Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
High-level output voltage (3.3V I/O except
VOH
DVDD33 = MIN, IOH = MAX
2.4
V
I2C pins)
Low-level output voltage (3.3V I/O except
DVDD33 = MIN, IOL = MAX
0.4
V
I2C pins)
VOL
Low-level output voltage (3.3V I/O I2C pins) IO = 3 mA
0
0.4
V
VI = VSS to DVDD33 without internal
±10
µA
resistor
Input current [DC] (except I2C capable
VI = VSS to DVDD33 with internal pullup
50
100
250
µA
pins)
resistor (3)
II(2)
VI = VSS to DVDD33 with opposing
–250
–100
–50
µA
internal pulldown resistor (3)
Input current [DC] (I2C)
VI = VSS to DVDD33
±10
µA
CLK_OUT0/PWM2/GPIO[84] and
8
mA
VLYNQ_CLOCK/GP[57]
IOH
High-level output current [DC]
DDR2
–13.4
mA
All other peripherals
4
mA
CLK_OUT0/PWM2/GPIO[84] and
8
mA
VLYNQ_CLOCK/GP[57]
IOL
Low-level output current [DC]
DDR2
13.4
mA
All other peripherals
4
mA
VO = DVDD33 or VSS; internal pull
±20
µA
disabled
IOZ(4)
I/O Off-state output current
VO = DVDD33 or VSS; internal pull
±100
µA
enabled
CVDD = 1.2 V, DSP clock = 600 MHz
TBD
mA
CVDD = 1.2 V, DSP clock = 500 MHz
TBD
mA
ICDD
Core (CVDD, VDDA_1P1V) supply current(5)
CVDD = 1.2 V, DSP clock = 400 MHz
TBD
mA
CVDD = 1.05 V, DSP clock = 400 MHz
TBD
mA
DVDD = 3.3 V, DSP clock = 600 MHz
TBD
mA
IDDD
3.3V I/O (DVDD33) supply current(5)
DVDD = 3.3 V, DSP clock = 500 MHz
TBD
mA
DVDD = 3.3 V, DSP clock = 400 MHz
TBD
mA
DVDD = 1.8 V, DSP clock = 600 MHz
TBD
mA
1.8V I/O (DVDDR2, DDR_VDDDLL,
IDDD
PLLVPRW18, VDDA_1P8V, MXVDD) supply
DVDD = 1.8 V, DSP clock = 500 MHz
TBD
mA
current(5)
DVDD = 1.8 V, DSP clock = 400 MHz
TBD
mA
CI
Input capacitance
5
pF
Co
Output capacitance
5
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(4)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(5)
Measured under the following conditions: 60% DSP CPU utilization; DDR2 Memory Controller at 50% utilization (135 MHz), 50% writes,
32 bits, 50% bit switching; 2-MHz McBSP at 100% utilization; Timer0 at 100% utilization. At room temperature (25 °C) for typical
process devices. The actual current draw varies across manufacturing processes and is highly application-dependent. For more details
on core and I/O activity, as well as information relevant to board power supply design, see the TMS320C642x Power Consumption
Summary Application Report (literature number TBD).
54
Device Operating Conditions
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com