Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB321C_06 Datasheet HTML 6Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 7Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 8Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 9Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 10Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 11Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 12Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 13Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
3387L–DFLASH–6/06
AT45DB321C
Software Sector Protection is useful in applications in which the WP pin is not or cannot be con-
trolled by a host processor. In such instances, the WP pin may be left floating (the WP pin is
pulled high internally) and sector protection can be controlled using the software commands.
If the device is power cycled, then the Software Sector Protection will be disabled. Once the
device is powered up, the Enable Sector Protection command should be reissued if sector pro-
tection is desired and if the WP pin is not used. The RESET pin has no effect on the Software
Sector Protection.
6.2
Hardware Sector Protection
Sectors specified for protection in Sector Protection Register can be protected from program
and erase operations by utilizing the Write Protection (WP) pin. The protection can be enabled
by asserting the WP pin and keeping the pin in its asserted state. Any sector specified for pro-
tection cannot be erased or reprogrammed as long as the WP pin is asserted. The protection
can be disabled by deasserting the WP pin high. A filter is provided on the WP pin to help protect
against spurious noise on the WP pin. Hardware Sector Protection will provide continuous pro-
tection, based on the contents of the Sector Protection Register, in an application where WP is
always driven low. Please read “Write Protect (WP)” on page 15 for more information.
6.3
Sector Protection Register
Sector Protection Register is a nonvolatile register that contains 16 bytes of data, as shown
below:
Note:
1. Default value for devices shipped from Atmel is 00H.
Sector Number
0 (0a, 0b)
1 to 15
Protected
See Below
FFH
Unprotected
00H
Table 6-1.
Sector 0 (0a, 0b):
0a
(Page 0-7)
0b
(Page 8-511)
Bit 0, 1
Data
Value
Bit 6, 7
Bit 4, 5
Bit 2, 3
Sectors 0a, 0b
Unprotected
00
00
00
00
00H
Protect Sector 0a
(Page 0-7)
11
00
00
00
C0H
Protect Sector 0b
(Page 8-511)
00
11
11
00
3CH
Protect Sectors 0a, 0b
(Page 0-511)
11
11
11
00
FCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com