Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT45DB321C_06 Datasheet HTML 30Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 31Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 32Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 33Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 34Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 35Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 36Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 37Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34
3387L–DFLASH–6/06
AT45DB321C
Note:
1. Not recommended for new designs.
17. Ordering Information
f
SCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
40
15
0.015
AT45DB321C-CC
AT45DB321C-CNC
AT45DB321C-TC
24C3
8CN3
28T
Commercial
(0
°C to 70°C)
40
15
0.015
AT45DB321C-CI
AT45DB321C-TI
24C3
28T
Industrial
(-40
°C to 85°C)
18. Green Package Options (Pb /Halide-free/RoHS Compliant)
fSCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
40
15
0.015
AT45DB321C-CU
AT45DB321C-CNU
AT45DB321C-TU
24C3
8CN3
28T
Industrial
(-40
°C to 85°C)
19. Legacy Package Options(1)
fSCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
40
15
0.015
AT45DB321C-RC
28R
Commercial
(0
°C to 70°C)
40
15
0.015
AT45DB321C-RU
28R
Industrial
(-40
°C to 85°C)
Package Type
24C3
24-ball (5 x 5 Array), 1.0 mm Pitch, 6 x 8 x 1.2 mm, Plastic Chip-scale Ball Grid Array (CBGA)
8CN3
8-pad (6 mm x 8 mm) Chip Array Small Outline No Lead Package (CASON
)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
28R
28-lead, 0.330” Wide, Plastic Gull Wing Small Outline Package (SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com