Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT45DB321C_06 Datasheet HTML 12Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 13Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 14Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 15Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 16Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 17Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 18Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 19Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
3387L–DFLASH–6/06
AT45DB321C
The table below details the sector protection status for various scenarios of the WP pin, the
Enable Sector Protection command, and the Disable Sector Protection command.
7.4.6
RESET
A low state on the reset pin (RESET) will terminate the operation in progress and reset the inter-
nal state machine to an idle state. The device will remain in the reset condition as long as a low
level is present on the RESET pin. Normal operation can resume once the RESET pin is brought
back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. The RESET pin is also internally pulled high; therefore,
in low pin count applications, connection of the RESET pin is not necessary if this pin and fea-
ture will not be utilized. However, it is recommended that the RESET pin be driven high
externally whenever possible.
7.4.7
READY/BUSY
This open drain output pin will be driven low when the device is busy in an internally self-timed
operation. This pin, which is normally in a high state (through an external pull-up resistor), will be
pulled low during programming/erase operations, and page-to-buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed. During Page
Erase and Block Erase, read and write operations can be performed to both buffers.
WP
12
3
Time
Period
WP Pin
Enable Sector Protection Command
Disable Sector Protection Command
Sector Protection Status
1
High
High
High
Command Not Issued Previously
Command Issued
–
x
–
Command Issued
Disabled
Enabled
Disabled
2
Low
x
x
Enabled
3
High
High
High
Command Issued during Period 1 or 2
–
Issue Command
Not Issued Yet
Command Issued
–
Enabled
Disabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com