Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT45DB321C_06 Datasheet HTML 29Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 30Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 31Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 32Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 33Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 34Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 35Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 36Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
3387L–DFLASH–6/06
AT45DB321C
16. Sector Addressing
PA12
PA11
PA10
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2 - PA0
Sector
00
0
0
0
0
0
0
0
0
X
0a
0
0
0
0
X
XXX
X
X
X
0b
0
0
0
1
X
XXX
X
X
X
1
0
0
1
0
X
XXX
X
X
X
2
•
•
•
•
•
•••
•
•
•
•
•
•
•
•
•
•••
•
•
•
•
•
•
•
•
•
•••
•
•
•
•
1
1
0
0
X
XXX
X
X
X
12
1
1
0
1
X
XXX
X
X
X
13
1
1
1
0
X
XXX
X
X
X
14
1
1
1
1
X
XXX
X
X
X
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com