Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45DB321C_06 Datasheet HTML 8Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 9Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 10Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 11Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 12Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 13Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 14Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 15Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
3387L–DFLASH–6/06
AT45DB321C
6.3.4
Various Aspects About the Sector Protection Register
Due to the sharing of the internal circuitry, the contents of the buffer 1 will get modified during the
erase and programming of Sector Protection Register. If the device is powered down during
erasing or programming the sector protection register, then the contents of the Sector Protection
Register cannot be guaranteed. The Sector Protection Register can be erased or reprogrammed
with the sector protection enabled or disabled. Being able to reprogram the Sector Protection
Register with the sector protection enabled allows the user to temporarily disable the sector pro-
tection to an individual sector rather than disabling the sector protection completely.
The Sector Protection Register is subject to the same endurance characteristics as the main
memory array. Users are encouraged to carefully evaluate the number of times the Sector Pro-
tection Register will be modified during the course of the applications’ life cycle. If the application
requires that the Sector Protection Register be modified more than the specified endurance of
the DataFlash because the application needs to temporarily unprotect individual sectors (sector
protection remains enabled while the Sector Protection Register is reprogrammed), then the
application will need to limit this practice. Instead, a combination of temporarily unprotecting indi-
vidual sectors along with disabling sector protection completely will need to be implemented by
the application to ensure that the endurance limits of the device are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com