Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT45DB321C_06 Datasheet HTML 1Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 2Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 3Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 4Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 5Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 6Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 7Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 8Page - ATMEL Corporation AT45DB321C_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
3387L–DFLASH–6/06
AT45DB321C
5.1.2
Main Memory Page Read
A main memory page read allows the user to read data directly from any one of the 8192 pages
in the main memory, bypassing both of the data buffers and leaving the contents of the buffers
unchanged. To start a page read, an opcode of D2H must be clocked into the device. The
opcode is followed by three address bytes (which comprise 24-bit page and byte address
sequence) and 32 don’t care clock cycles. The first bit of the 24-bit address sequence is a
reserved bit, the next 13 bits (PA12-PA0) of the 24-bit address sequence specify the page in
main memory to be read, and the last 10 bits (BA9-BA0) of the 24-bit address sequence specify
the starting byte address within that page. The 32 don’t care clock cycles that follow the three
address bytes are sent to initialize the read operation. Following the don’t care bytes, additional
pulses on SCK result in data being output on the SO (serial output) pin. The CS pin must remain
low during the loading of the opcode, the address bytes, the don’t care bytes, and the reading of
data. When the end of a page in main memory is reached, the device will continue reading back
at the beginning of the same page. A low-to-high transition on the CS pin will terminate the read
operation and tristate the output pin (SO). The maximum SCK frequency allowable for the Main
Memory Page Read is defined by the f
SCK specification. The Main Memory Page Read bypasses
both data buffers and leaves the contents of the buffers unchanged.
5.1.3
Buffer Read
Data can be read from either one of the two buffers, using different opcodes to specify which
buffer to read from. An opcode of D4H is used to read data from buffer 1, and an opcode of D6H
is used to read data from buffer 2. To perform a buffer read, the opcode must be clocked into the
device followed by three address bytes comprised of 14 don’t care bits and 10 buffer address
bits (BFA9-BFA0). Following the three address bytes, an additional don’t care byte must be
clocked in to initialize the read operation. Since the buffer size is 528 bytes, 10 buffer address
bits are required to specify the first byte of data to be read from the buffer. The CS pin must
remain low during the loading of the opcode, the address bytes, the don’t care bytes, and the
reading of data. When the end of a buffer is reached, the device will continue reading back at the
beginning of the buffer. A low-to-high transition on the CS pin will terminate the read operation
and tristate the output pin (SO).
5.2
Program and Erase Commands
5.2.1
Buffer Write
Data can be clocked in from the SI pin into either buffer 1 or buffer 2. To load data into either
buffer, a 1-byte opcode, 84H for buffer 1 or 87H for buffer 2, must be clocked into the device, fol-
lowed by three address bytes comprised of 14 don’t care bits and 10 buffer address bits (BFA9-
BFA0). The 10 buffer address bits specify the first byte in the buffer to be written. After the last
address byte has been clocked into the device, data can then be clocked in on subsequent clock
cycles. If the end of the data buffer is reached, the device will wrap around back to the beginning
of the buffer. Data will continue to be loaded into the buffer until a low-to-high transition is
detected on the CS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com