Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 134Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 139Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 140Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 141Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 212 page
background image
138
4109J–8051–10/06
AT8xC51SND1C
17.4.4
Baud Rate Selection (Modes 1 and 3)
In modes 1 and 3, the Baud Rate is derived either from the Timer 1 or the Internal Baud Rate
Generator and allows different baud rate in reception and transmission.
As shown in Figure 17-12 the selection is done using RBCK and TBCK bits in BDRCON register.
Figure 17-13 gives the baud rate calculation formulas for each baud rate source while Table 114
details Internal Baud Rate Generator configuration for different peripheral clock frequencies and
giving baud rates closer to the standard baud rates.
Figure 17-12. Baud Rate Source Selection (Modes 1 and 3)
Figure 17-13. Baud Rate Formulas (Modes 1 and 3)
0
1
RBCK
BDRCON.2
T1
CLOCK
To Serial
IBRG
CLOCK
Rx Port
0
1
TBCK
BDRCON.3
T1
CLOCK
To Serial
IBRG
CLOCK
Tx Port
÷ 16
÷ 16
Baud_Rate=
6
(1-SPD)
⋅ 32 ⋅ (256 -BRL)
2
SMOD1
⋅ F
PER
BRL= 256 -
6(1-SPD)
⋅ 32 ⋅ Baud_Rate
2
SMOD1
⋅ F
PER
Baud_Rate=
6
⋅ 32 ⋅ (256 -TH1)
2SMOD1
⋅ F
PER
TH1= 256 -
192
⋅ Baud_Rate
2
SMOD1
⋅ F
PER
a. IBRG Formula
b. T1 Formula
Table 114. Internal Baud Rate Generator Value
Baud Rate
F
PER = 6 MHz
(1)
F
PER = 8 MHz
(1)
F
PER = 10 MHz
(1)
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
115200
-----
-------
57600
----
1
1
247
3.55
1
1
245
1.36
38400
1
1
246
2.34
1
1
243
0.16
1
1
240
1.73
19200
1
1
236
2.34
1
1
230
0.16
1
1
223
1.36
9600
1
1
217
0.16
1
1
204
0.16
1
1
191
0.16
4800
1
1
178
0.16
1
1
152
0.16
1
1
126
0.16
Baud Rate
F
PER = 12 MHz
(2)
F
PER = 16 MHz
(2)
F
PER = 20 MHz
(2)
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
115200
----
1
1
247
3.55
1
1
245
1.36
57600
1
1
243
0.16
1
1
239
2.12
1
1
234
1.36
38400
1
1
236
2.34
1
1
230
0.16
1
1
223
1.36
19200
1
1
217
0.16
1
1
204
0.16
1
1
191
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com