Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 139 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 139Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 140Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 141Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 142Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 212 page
background image
139
4109J–8051–10/06
AT8xC51SND1C
Notes:
1. These frequencies are achieved in X1 mode, F
PER = FOSC ÷ 2.
2. These frequencies are achieved in X2 mode, FPER = FOSC.
17.4.5
Baud Rate Selection (Mode 2)
In mode 2, the baud rate can only be programmed to 2 fixed values: 1/16 or 1/32 of the periph-
eral clock frequency.
As shown in Figure 17-14 the selection is done using SMOD1 bit in PCON register.
Figure 17-15 gives the baud rate calculation formula depending on the selection.
Figure 17-14. Baud Rate Generator Selection (Mode 2)
Figure 17-15. Baud Rate Formula (Mode 2)
17.5
Multiprocessor Communication (Modes 2 and 3)
Modes 2 and 3 provide a ninth-bit mode to facilitate multiprocessor communication. To enable
this feature, set SM2 bit in SCON register. When the multiprocessor communication feature is
enabled, the serial Port can differentiate between data frames (ninth bit clear) and address
frames (ninth bit set). This allows the AT8xC51SND1C to function as a slave processor in an
environment where multiple slave processors share a single serial line.
When the multiprocessor communication feature is enabled, the receiver ignores frames with
the ninth bit clear. The receiver examines frames with the ninth bit set for an address match. If
the received address matches the slaves address, the receiver hardware sets RB8 and RI bits in
SCON register, generating an interrupt.
The addressed slave’s software then clears SM2 bit in SCON register and prepares to receive
the data Bytes. The other slaves are unaffected by these data Bytes because they are waiting to
respond to their own addresses.
9600
1
1
178
0.16
1
1
152
0.16
1
1
126
0.16
4800
1
1
100
0.16
1
1
48
0.16
1
0
126
0.16
Baud Rate
F
PER = 12 MHz
(2)
F
PER = 16 MHz
(2)
F
PER = 20 MHz
(2)
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
SPD
SMOD1
BRL
Error %
0
1
SMOD1
PCON.7
PER
CLOCK
÷ 2
÷ 16
To Serial Port
Baud_Rate=
32
2
SMOD1
⋅ F
PER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com