Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
MPXY8300 Series
Sensors
22
Freescale Semiconductor
Figure 4-3 FLASH Burst Program Flowchart
4.6.5
Access Errors
An access error occurs whenever the command execution protocol is violated.
Any of the following specific actions will cause the access error flag (FACCERR) in FSTAT to be set. FACCERR must be cleared
by writing a 1 to FACCERR in FSTAT before any command can be processed.
•
Writing to a FLASH address before the internal FLASH clock frequency has been set by writing to the FCDIV register
•
Writing to a FLASH address while FCBEF is not set (A new command cannot be started until the command buffer is
empty.)
•
Writing a second time to a FLASH address before launching the previous command (There is only one write to FLASH
for every command.)
•
Writing a second time to FCMD before launching the previous command (There is only one write to FCMD for every
command.)
•
Writing to any FLASH control register other than FCMD after writing to a FLASH address
•
Writing any command code other than the five allowed codes (0x05, 0x20, 0x25, 0x40, or 0x41) to FCMD
•
Accessing (read or write) any FLASH control register other than the write to FSTAT (to clear FCBEF and launch the
command) after writing the command to FCMD.
•
The MCU enters stop mode while a program or erase command is in progress (The command is aborted.)
1
0
FCBEF?
START
WRITE TO FLASH
TO BUFFER ADDRESS AND DATA
WRITE COMMAND ($25) TO FCMD
NO
YES
FPVIO OR
WRITE 1 TO FCBEF
TO LAUNCH COMMAND
AND CLEAR FCBEF (Note 2)
NO
YES
NEW BURST COMMAND?
1
0
FCCF?
ERROR EXIT
DONE
Note 2: Wait at least four bus cycles before
1
0
FACCERR?
CLEAR ERROR
FACCERR?
Note 1: Required only once after reset.
WRITE TO FCDIV (Note 1)
checking FCBEF or FCCF.
FLASH BURST
PROGRAM FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com