Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
MPXY8300 Series
Sensors
30
Freescale Semiconductor
After any reset, the COP watchdog is enabled. This provides a reliable way to detect code that is not executing as intended. If
the COP watchdog is not used in an application, it can be disabled by clearing the COPE bit in the write-once SOPT1 register.
Even if the application will use the reset default settings in COPE, COPCLKS and COPT0:2, the user should still write to write-
once SOPT1 during reset initialization to lock in the settings. That way, they cannot be changed accidentally if the application
program gets lost.
The write to SRS that services (clears) the COP timer should not be placed in an interrupt service routine (ISR) because the ISR
could continue to be executed periodically even if the main application program fails.
When the MCU is in active background debug mode, the COP watchdog is temporarily disabled.
5.4
Interrupts
Interrupts provide a way to save the current CPU status and registers, execute an interrupt service routine (ISR), and then restore
the CPU status so processing resumes where it left off before the interrupt. Other than the software interrupt (SWI), which is a
program instruction, interrupts are caused by hardware events. The debug module can also generate an SWI under certain
circumstances.
If an event occurs in an enabled interrupt source, an associated read-only status flag will become set. The CPU will not respond
until and unless the local interrupt enable is a logic 1 to enable the interrupt. The I bit in the CCR must be a logic 0 to allow
interrupts. The global interrupt mask (I bit) in the CCR is initially set after reset which masks (prevents) all maskable interrupt
sources. The user program initializes the stack pointer and performs other system setup before clearing the I bit to allow the CPU
to respond to interrupts. When the CPU receives a qualified interrupt request, it completes the current instruction before
responding to the interrupt. The interrupt sequence follows the same cycle-by-cycle sequence as the SWI instruction and consists
of:
•
Saving the CPU registers on the stack
•
Setting the I bit in the CCR to mask further interrupts
•
Fetching the interrupt vector for the highest-priority interrupt that is currently pending
•
Filling the instruction queue with the first three bytes of program information starting from the address fetched from the
interrupt vector locations
Table 5-1 COP Watchdog Time-out Period
COPCLKS
COPT
Clock
Source
COP
Overflow
Count
COP Overflow Time
(msec, nominal)
2
1
0
0
0
0
0
LFO
25
32
0
0
0
1
LFO
26
64
0
0
1
0
LFO
27
128
0
0
1
1
LFO
28
256
0
1
0
0
LFO
29
512
0
1
0
1
LFO
210
1024
0
1
1
0
LFO
211
2048
0
1
1
1
LFO
211
2048
BUSCLKS1:0
1:1 (0.5 MHz)
1:0 (1 MHz)
0:1 (2 MHz)
0:0 (4MHz)
1
0
0
0
Bus Clock
213
16.384
8.192
4.096
2.048
1
0
0
1
Bus Clock
214
32.768
16.384
8.192
4.096
1
0
1
0
Bus Clock
215
65.536
32.768
16.384
8.192
1
0
1
1
Bus Clock
216
131.072
65.536
32.768
16.384
1
1
0
0
Bus Clock
217
262.144
131.072
65.536
32.768
1
1
0
1
Bus Clock
218
524.288
262.144
131.072
65.536
1
1
1
0
Bus Clock
219
1048.576
524.288
262.144
131.072
1
1
1
1
Bus Clock
219
1048.576
524.288
262.144
131.072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com