Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
59
BGND
Enter Active Background
if ENBDM = 1
Waits For and Processes BDM
Commands Until GO, TRACE1, or
TAGGO
–
–
–
–
–
– INH
82
5+
BGT rel
Branch if Greater Than
(Signed Operands)
Branch if (Z) | (N
⊕ V) = 0
–
–
–
–
–
– REL
92 rr
3
BHCC rel
Branch if Half Carry Bit
Clear
Branch if (H) = 0
–
–
–
–
–
– REL
28 rr
3
BHCS rel
Branch if Half Carry Bit
Set
Branch if (H) = 1
–
–
–
–
–
– REL
29 rr
3
BHI rel
Branch if Higher
Branch if (C) | (Z) = 0
–
–
–
–
–
– REL
22 rr
3
BHS rel
Branch if Higher or Same
(Same as BCC)
Branch if (C) = 0
–
–
–
–
–
– REL
24 rr
3
BIH rel
Branch if IRQ Pin High
Branch if IRQ pin = 1
–
–
–
–
–
– REL
2F rr
3
BIL rel
Branch if IRQ Pin Low
Branch if IRQ pin = 0
–
–
–
–
–
– REL
2E rr
3
BIT #opr8i
BIT opr8a
BIT opr16a
BIT oprx16,X
BIT oprx8,X
BIT ,X
BIT oprx16,SP
BIT oprx8,SP
Bit Test
(A) & (M)
(CCR Updated but Operands
Not Changed)
0
–
–
Þ
Þ
–
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A5
B5
C5
D5
E5
F5
9ED5
9EE5
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
BLE rel
Branch if Less Than
or Equal To
(Signed Operands)
Branch if (Z) | (N
⊕ V) = 1
– – – – – – REL
93 rr
3
BLO rel
Branch if Lower
(Same as BCS)
Branch if (C) = 1
– – – – – – REL
25 rr
3
BLS rel
Branch if Lower or Same
Branch if (C) | (Z) = 1
– – – – – – REL
23 rr
3
BLT rel
Branch if Less Than
(Signed Operands)
Branch if (N
⊕ V ) = 1
– – – – – – REL
91 rr
3
BMC rel
Branch if Interrupt Mask
Clear
Branch if (I) = 0
– – – – – – REL
2C rr
3
BMI rel
Branch if Minus
Branch if (N) = 1
– – – – – – REL
2B rr
3
BMS rel
Branch if Interrupt Mask
Set
Branch if (I) = 1
– – – – – – REL
2D rr
3
BNE rel
Branch if Not Equal
Branch if (Z) = 0
– – – – – – REL
26 rr
3
BPL rel
Branch if Plus
Branch if (N) = 0
– – – – – – REL
2A rr
3
BRA rel
Branch Always
No Test
– – – – – – REL
20 rr
3
BRCLR n,opr8a,rel
Branch if Bit n in Memory
Clear
Branch if (Mn) = 0
–
–
–
–
–
Þ
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
Uses 3 Bus Cycles
–
–
–
–
–
– REL
21 rr
3
BRSET n,opr8a,rel
Branch if Bit n in Memory
Set
Branch if (Mn) = 1
–
–
–
–
–
Þ
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
Table 8-2 HCS08 Instruction Set Summary (Sheet 2 of 7)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com