Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
MPXY8300 Series
Sensors
72
Freescale Semiconductor
If the associated port pin is not stable for at least two bus clock cycles before changing to input capture mode, it is possible to
get an unexpected indication of an edge trigger. Typically, a program would clear status flags after changing channel configuration
bits and before enabling channel interrupts or using the status flags to avoid any unexpected behavior.
Table 9-4 TPMCnSC Register Field Descriptions
Field
Description
7
CHnF
Channel n Flag — When channel n is configured for input capture, this flag bit is set when an active edge
occurs on the channel n pin. When channel n is an output compare or edge-aligned PWM channel, CHnF is set
when the value in the TPM counter registers matches the value in the TPM channel n value registers. This flag
is seldom used with center-aligned PWMs because it is set every time the counter matches the channel value
register, which correspond to both edges of the active duty cycle period.
A corresponding interrupt is requested when CHnF is set and interrupts are enabled (CHnIE = 1). Clear CHnF
by reading TPMCnSC while CHnF is set and then writing a 0 to CHnF. If another interrupt request occurs before
the clearing sequence is complete, the sequence is reset so CHnF would remain set after the clear sequence
was completed for the earlier CHnF. This is done so a CHnF interrupt request cannot be lost by clearing a pre-
vious CHnF. Reset clears CHnF. Writing a 1 to CHnF has no effect.
0
No input capture or output compare event occurred on channel n
1
Input capture or output compare event occurred on channel n
6
CHnIE
Channel n Interrupt Enable — This read/write bit enables interrupts from channel n. Reset clears CHnIE.
0
Channel n interrupt requests disabled (use software polling)
1
Channel n interrupt requests enabled
5
MSnB
Mode Select B for TPM Channel n — When CPWMS = 0, MSnB = 1 configures TPM channel n for edge-
aligned PWM mode. For a summary of channel mode and setup controls, refer to Table 9-5.
4
MSnA
Mode Select A for TPM Channel n — When CPWMS = 0 and MSnB = 0, MSnA configures TPM channel n for
input capture mode or output compare mode. Refer to Table 9-5 for a summary of channel mode and setup
controls.
3:2
ELSn[B:A]
Edge/Level Select Bits — Depending on the operating mode for the timer channel as set by
CPWMS:MSnB:MSnA and shown in Table 9-5, these bits select the polarity of the input edge that triggers an
input capture event, select the level that will be driven in response to an output compare match, or select the
polarity of the PWM output.
Setting ELSnB:ELSnA to 0:0 configures the related timer pin as a general-purpose I/O pin unrelated to any
timer channel functions. This function is typically used to temporarily disable an input capture channel or to
make the timer pin available as a general-purpose I/O pin when the associated timer channel is set up as a soft-
ware timer that does not require the use of a pin.
Table 9-5 Mode, Edge, and Level Selection
CPWMS
MSnB:MSnA
ELSnB:ELSnA
Mode
Configuration
X
XX
00
Pin not used for TPM channel; use as an external clock for the TPM or
revert to general-purpose I/O
0
00
01
Input capture
Capture on rising edge only
10
Capture on falling edge only
11
Capture on rising or falling edge
01
00
Output compare Software compare only
01
Toggle output on compare
10
Clear output on compare
11
Set output on compare
1X
10
Edge-aligned
PWM
High-true pulses (clear output on compare)
X1
Low-true pulses (set output on compare)
1
XX
10
Center-aligned
PWM
High-true pulses (clear output on compare-up)
X1
Low-true pulses (set output on compare-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com