Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPXY8300
Description  Tire Pressure Monitor Sensor Product Specification
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8300 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPXY8300 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPXY8300 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
MPXY8300 Series
Sensors
Freescale Semiconductor
39
5.9.8
System Real-Time Interrupt Status and Control Register (SRTISC)
This register contains control and status flags related to the real-time interrupt.
Table 5-10 SDIDH Register Field Descriptions
Field
Description
7:4
REV[3:0]
Revision Number — The high-order four bits of address SDIDH are hard coded to reflect the current mask set
revision number (0–F).
0000
0M46E
0001
1M46E
0010
2M46E
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MPXY8300 Series is hard coded to the value 0x0010. See Table 5-11 for ID bits in SDIDL.
7
6
5
4
3
2
1
0
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
0
0
0
1
0
0
0
0
Figure 5-9 System Device Identification Register — Low (SDIDL)
Table 5-11 SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — Each derivative in the HCS08 Family has a unique identification number. The
MPXY8300 Series is hard coded to the value 0x0010. See Table 5-10 for ID bits in SDIDH.
7
6
5
4
3
2
1
0
R
RTIF
0
RTICLKS
RTIE
0
RTIS2
RTIS1
RTIS0
W
RTIACK
Reset:
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 5-10 System RTI Status and Control Register (SRTISC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com