Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3113 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Part Number Descriptions
Absolute Maximum Ratings
TA = 25°C, unless otherwise noted.
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6
V
VOUT
Charge Pump Output
-0.3 to 6
V
VEN/SET
EN/SET to GND Voltage
-0.3 to 6
V
VEN/SET(MAX)
Maximum EN/SET to Input Voltage
0.3
V
IOUT
Maximum DC Output Current (sum of IOUT and D currents)
150
mA
θJA
Thermal Resistance
37
°C/W
TJ
Operating Junction Temperature Range
-40 to 150
°C
Number of LED Outputs,
LED Present
Part Number
VIN Range
20mA Full-Scale
Detect Current
Package
AAT3113ITP
3.0V
≤ VIN ≤ 5.5V
4
2µA
TSOPJW-12
AAT3114ISN
3.2V
≤ VIN ≤ 5.5V
6
2µA
QFN44-16
AAT3114AISN
150µA
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
3113.2006.07.1.9
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com