Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3113 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
4
3113.2006.07.1.9
Electrical Characteristics
VIN = 3.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol Description
Conditions
Min Typ Max Units
Input Power Supply
VIN
Operation Range
2.7
5.5
V
ICC
Operating Current
Active, No Load Current
1
2
mA
ISHDN
Shutdown Current
EN = 0
1
µA
IDX
Output Current
AAT3113: 3.0V
≤ VIN ≤ 5.5V
TA = 25°C, All
18
20
22
mA
AAT3114/14A: 3.2V
≤ VIN ≤ 5.5V Outputs Max Current
ΔID/ΔVIN
Output Current Line
3.0V
≤ VIN ≤ 5.5V
-2
2
%/V
Regulation
Current Matching
I(D-Match)
Between Any
VD1:Dn = 3.6V, VIN = 3.3V
0.3
%
Two Outputs
η
Efficiency
VIN = 3.5V, IOUT(total) = 40mA
93
%
Charge Pump
tSS
Soft-Start Time
400
µs
FCLK
Clock Frequency
300
600 900
kHz
EN/SET
VEN(L)
Enable Threshold Low
VIN = 2.7V to 5.5V
0.5
V
VEN(H)
Enable Threshold High VIN = 2.7V to 5.5V
1.4
V
tLO
EN/SET Low Time
0.3
75
µs
tHI
Minimum EN/SET
50
ns
High Time
tOFF
EN/SET Off Timeout
300 500
µs
Input
EN/SET Input Leakage VIN = 5.5V
-1
1
µA
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com