Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
12
3113.2006.07.1.9
Application Circuits
Typical AAT3113 Application Circuit:
CIN
1
μF
VBATTERY
COUT
1
μF
EN/SET
C1
1
μF
C2
1
μF
D4
D3
D2
D1
VIN
OUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3113
ON/1
THI > 50ns
50ns minimum to enable
300ns < TLO < 75
μs
23456
n
(n < =32)
OFF
Enable / Disable / LED Brightness Level Set Data Input
Test Current/Channel Disable
Each channel of the output is equipped with a test
current function. The AAT3113 and AAT3114 use a
small (~2µA) current source injected into each out-
put pin to detect the presence of an LED. Unused
channels that are tied to ground or LED load fail
short will be automatically diasbled instead of wast-
ing the programmed output current. The test current
in the AAT3114A is higher (~150µA) to accommo-
date LEDs with lower impedance in failure mode.
Thermal Protection
The AAT3113 and AAT3114/14A have a thermal
protection circuit that will shut down the charge
pump and current outputs if the die temperature
rises above the thermal limit. However, thermal
resistance of the QFN package is so low that if, in
the case of the AAT3114/14A, all six outputs are
shorted to ground at maximum 20mA output level,
the die temperature will not rise sufficiently to trip
the thermal protection. The thermal protection will
only trip if COUT is shorted to ground and the ambi-
ent temperature is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com