Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3113 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Characteristics
VIN = 3.5V, CIN = COUT = C1 = C2 = 1µF; TA = 25°C, unless otherwise noted.
Oscillator Frequency vs. Temperature
610
620
630
640
650
660
670
680
690
700
710
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Shutdown Current vs. Temperature
0.001
0.010
0.100
1.000
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Efficiency vs. Load Current
80
82
84
86
88
90
92
94
96
0
20
40
60
80
100
120
Load Current (mA)
Quiescent Current vs. Supply Voltage
0.6
0.7
0.8
0.9
1.0
1.1
1.2
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
Efficiency vs. Supply Voltage
60
65
70
75
80
85
90
95
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
Supply Voltage (V)
120mA
80mA
60mA
40mA
30mA
20mA
Quiescent Current vs. Temperature
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
-40
-20
0
20
40
60
80
100
Temperature (
°C)
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
3113.2006.07.1.9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com