Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3113 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
8
3113.2006.07.1.9
Functional Block Diagram
Voltage
Reference
Soft Start
600kHz
Oscillator
1.5X
Charge
Pump
S2Cwire
Interface
32x8 bit
ROM
Current
Mode
DAC
8
5
VIN
C1+
C1-
C2+
C2-
OUT
D1
D2
D3
D4
GND
* AAT3114/14A only
EN/SET
D5*
D6*
Functional Description
The AAT3113 and AAT3114/14A devices are high
efficiency 1.5X fractional charge pumps intended
for white LED backlight applications. The fraction-
al charge pump consists of a linear regulator fol-
lowed by a 1.5X charge pump. The AAT3113 and
AAT3114/14A require only four external compo-
nents: two 1µF ceramic capacitors for the charge
pump flying capacitors (C1 and C2), one 1µF
ceramic capacitor for CIN, and one 0.33µF to 1µF
ceramic capacitor for COUT. The charge pump out-
put is converted into four or six constant current
outputs (D1 to D4 or D6) to drive four or six indi-
vidual LEDs with a maximum of 20mA each. The
current source output magnitude is controlled by
the EN/SET serial data S2Cwire interface. The
interface records rising edges of the EN/SET pin
and decodes them into 32 individual current level
settings each 1dB apart (see Table 1, Current
Level Settings). Code 32 is full scale, and Code 1
is full scale attenuated by 31dB. The modulo 32
interface wraps states back to state 1 after the
32nd clock. With each EN/SET pulse, the output
current increases by 1dB. To decrease the output
current by 1dB, 31 EN/SET clock pulses are
required. The counter can be clocked at speeds up
to 1MHz, so intermediate states are not visible.
The first rising edge of EN/SET enables the IC and
initially sets the output LED current to -31dB, the
lowest setting equal to 525µA. Once the final clock
cycle is input for the desired brightness level, the
EN/SET pin is held high to maintain the device out-
put current at the programmed level. The device is
disabled 500µs after the EN/SET pin transitions to
a logic low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com