Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3113 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Driving white LED display module backlights
and individual white LEDs connected in parallel:
The AAT3114/14A D1 to D6 outputs are true con-
stant current sources capable of driving up to 20mA
each over the operation input voltage range. Since
these outputs are true constant current sources,
they may be connected in parallel to drive a single
power output. Any combination of outputs (D1 to
D6) may be connected in parallel. The maximum
total output current is a sum of parallel-connected
current sources. This feature is particularly useful
to power pre-manufactured display modules that are
pre-wired with white LED backlights connected in a
parallel circuit configuration. All outputs can be con-
nected in parallel to drive groups of LEDs as well.
The internal current source reference circuit bases
feedback from current sensed on the D1 output. For
best operation, the only requirement for this applica-
tion is that the output D1 should always be connect-
ed to the load circuit.
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
3113.2006.07.1.9
13
AAT3114/14A Application Driving a Display Module With Six Parallel-Connected White LEDs:
AAT3114/14A Dual Backlight Control Circuit:
CIN
1
μF
VBATTERY
COUT
1
μF
EN/SET
C1
1
μF
C2
1
μF
D2
D3
D4
VIN
OUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3114/14A
D5
D6
D1
D5
D6
Enable Display Backlight
Enable Keyboard Backlight
Display Backlight
Keyboard Backlight
CIN
1
μF
VBATTERY
COUT
1
μF
EN/SET
C1
1
μF
C2
1
μF
D2
D3
D4
D5
VIN
OUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3114/14A
D5
D6
D1
D6
Display Module
R1
R2
R3
R4
R5
R6
Resistor R is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com