Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88822V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88822V
Description  5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88822V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88822V_05 Datasheet HTML 1Page - Micrel Semiconductor SY88822V_05 Datasheet HTML 2Page - Micrel Semiconductor SY88822V_05 Datasheet HTML 3Page - Micrel Semiconductor SY88822V_05 Datasheet HTML 4Page - Micrel Semiconductor SY88822V_05 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY88822V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Single 3.3V or 5V power supply
s Up to 155Mbps operation
s Modulation current to 30mA
s PECL output enable
s Differential PECL inputs
s Available in a tiny 10-pin (3mm) MSOP
FEATURES
5V/3.3V 155Mbps LASER DIODE
DRIVER WITH OUTPUT ENABLE
SY88822V
APPLICATIONS
s 155Mbps SONET
Rev.: B
Amendment: /0
Issue Date:
July 2005
The SY88822V is a high speed current switch for driving
a semiconductor laser diode in optical transmission
applications. The modulation current (I
OUT) is controlled by
the current (I
RSET) through the external resistor RSET. The
output OUT is HIGH and no current flows through OUT
when output enable is HIGH.
The device incorporates complementary open collector
outputs with a 30mA maximum current driving capability.
The external resistor R
EXT must be placed between /OUT
and V
CC to dissipate the worst case power. RSER is
recommended to compensate for laser diode matching
issues. Pin 9 and pin 10 should be connected to achieve
better performance.
The SY88822V utilizes the high performance bipolar
ASSET™ technology.
ASSET is a trademark of Micrel, Inc.
FUNCTIONAL BLOCK DIAGRAM
REXT
VCC
/EN
/DIN
DIN
Internal
Logic
VCC
GND
RSET
RSET
VREF
40X
RSER
IMOD
/OUT
GND
to Laser Diode
OUT


Similar Part No. - SY88822V_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88822VKC MICREL-SY88822VKC Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822VKCTR MICREL-SY88822VKCTR Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822VKI MICREL-SY88822VKI Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822VKITR MICREL-SY88822VKITR Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88822V_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com