Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 3 Page - Power Integrations, Inc.

  SC1936C Datasheet HTML 1Page - Power Integrations, Inc. SC1936C Datasheet HTML 2Page - Power Integrations, Inc. SC1936C Datasheet HTML 3Page - Power Integrations, Inc. SC1936C Datasheet HTML 4Page - Power Integrations, Inc. SC1936C Datasheet HTML 5Page - Power Integrations, Inc. SC1936C Datasheet HTML 6Page - Power Integrations, Inc. SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Rev. C 11/18
3
SC1933C/SC1936C
www.power.com
Figure 5. Pin Configuration.
V 13
12 NC
BPP 14
11 NC
NC 15
10 NC
9 NC
S 16-19
D 24
8 NC
7 FWD
6 VOUT
5 SR
4 BPS
3 FB
2 GND
1 IS
PI-7877-022216
Pin Functional Description
ISENSE (IS) Pin (Pin 1)
Connection to the power supply output terminals. An external
current sense resistor should be connected between this and the
GND pin. If current regulation is not required, this pin should be tied
to the GND pin.
SECONDARY GROUND (GND) (Pin 2)
GND for the secondary IC. Note this is not the power supply output
GND due to the presence of the sense resistor between this and the
ISENSE pin.
FEEDBACK (FB) Pin (Pin 3)
Connection to an external resistor divider to set the power supply
output voltage.
SECONDARY BYPASS (BPS) Pin (Pin 4)
Connection point for an external bypass capacitor for the secondary
IC supply.
SYNCHRONOUS RECTIFIER DRIVE (SR) Pin (Pin 5)
Gate driver for external SR FET. If no SR FET is used connect this pin
to GND.
OUTPUT VOLTAGE (VOUT) Pin (Pin 6)
Connected directly to the output voltage, to provide current for the
controller on the secondary-side and provide secondary protection.
FORWARD (FWD) Pin (Pin 7)
The connection point to the switching node of the transformer output
winding providing information on primary switch timing. Provides power
for the secondary-side controller when V
OUT is below threshold.
NC Pin (Pin 8-12)
Leave open. Should not be connected to any other pins.
UNDER/OVER INPUT VOLTAGE (V) Pin (Pin 13)
A high-voltage pin connected to the AC or DC side of the input bridge
for detecting undervoltage and overvoltage conditions at the power
supply input. This pin should be tied to GND to disable UV/OV
protection.
PRIMARY BYPASS (BPP) Pin (Pin 14)
The connection point for an external bypass capacitor for the
primary-side supply. This is also the ILIM selection pin for choosing
standard ILIM or ILIM+1.
NC Pin (Pin 15)
Leave open. Should not be connected to any other pins.
SOURCE (S) Pin (Pin 16-19)
These pins are the power switch source connection. Also ground
reference for primary BYPASS pin.
DRAIN (D) Pin (Pin 24)
Power switch drain connection.
Functional Description
The SC1933C/SC1936C combines a high-voltage power switch, along
with both primary-side and secondary-side controllers in one device.
The architecture incorporates a novel inductive coupling feedback
scheme (FluxLink) using the package lead frame and bond wires to
provide a safe, reliable, and cost-effective means to transmit
accurate, output voltage and current information from the secondary
controller to the primary controller.
The primary controller on SC1933C/SC1936C is a Quasi-Resonant
(QR) flyback controller that has the ability to operate in continuous
conduction mode (CCM), boundary mode (CrM) and discontinuous
conduction mode (DCM). The controller uses both variable frequency
and variable current control schemes. The primary controller consists
of a frequency jitter oscillator, a receiver circuit magnetically coupled to
the secondary controller, a current limit controller, 5 V regulator on
the PRIMARY BYPASS pin, audible noise reduction engine for light
load operation, bypass overvoltage detection circuit, a lossless input
line sensing circuit, current limit selection circuitry, over-temperature
protection, leading edge blanking, secondary output diode / SR FET
short protection circuit and a power switch.
The SC1933C/SC1936C secondary controller consists of a transmitter
circuit that is magnetically coupled to the primary receiver, a constant
voltage (CV) and a constant current (CC) control circuit, a 4.4 V
regulator on the SECONDARY BYPASS pin, synchronous rectifier FET
driver, QR mode circuit, oscillator and timing circuit, and numerous
integrated protection features.
Figure 3 and Figure 4 show the functional block diagrams of the
primary and secondary controller, highlighting the most important
features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com