Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 4Page - Power Integrations, Inc. SC1936C Datasheet HTML 5Page - Power Integrations, Inc. SC1936C Datasheet HTML 6Page - Power Integrations, Inc. SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. SC1936C Datasheet HTML 10Page - Power Integrations, Inc. SC1936C Datasheet HTML 11Page - Power Integrations, Inc. SC1936C Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Rev. C 11/18
8
SC1933C/SC1936C
www.power.com
Output Constant Current and Constant Power Regulation
The SC1933C/SC1936C regulates the output current through an
external current sense resistor between the ISENSE and SECONDARY
GROUND pins and also controls output power in conjunction with the
output voltage sensed on the OUTPUT VOLTAGE pin. If constant
current regulation is not required, the ISENSE pin must be tied to the
SECONDARY GROUND pin. The SC1933C/SC1936C has constant
current regulation below the V
PK threshold, and a constant output
power profile above the V
PK threshold. The transition between CP
and CC is set by the V
PK threshold and the set constant current is
programmed by the resistor between the ISENSE and SECONDARY
GROUND pins.
SR Disable Protection
In each cycle SR is only engaged if a set cycle was requested by the
secondary controller and the negative edge is detected on the
FORWARD pin. In the event that the voltage on the ISENSE pin
exceeds approximately 3 times the CC threshold, the SR FET drive is
disabled until the surge current has diminished to nominal levels.
SR Static Pull-Down
To ensure that the SR gate is held low when the secondary is not in
control, the SYNCHRONOUS RECTIFIER DRIVE pin has a nominally
“ON” device to pull the pin low and reduce any voltage on the SR gate
due to capacitive coupling from the FORWARD pin.
Open SR Protection
In order to protect against an open SYNCHRONOUS RECTIFIER
DRIVE pin system fault the secondary controller has a protection
mode to ensure the SYNCHRONOUS RECTIFIER DRIVE pin is
connected to an external FET. If the external capacitance on the
SYNCHRONOUS RECTIFIER DRIVE pin is below 100 pF, the device
will assume the SYNCHRONOUS RECTIFIER DRIVE pin is “open” and
there is no FET to drive. If the pin capacitance detected is above
100 pF, the controller will assume an SR FET is connected.
In the event the SYNCHRONOUS RECTIFIER DRIVE pin is detected to
be open, the secondary controller will stop requesting pulses from
the primary to initiate auto-restart.
If the SYNCHRONOUS RECTIFIER DRIVE pin is tied to ground at
start-up, the SR drive function is disabled and the open
SYNCHRONOUS RECTIFIER DRIVE pin protection mode is also
disabled.
Intelligent Quasi-Resonant Mode Switching
In order to improve conversion efficiency and reduce switching
losses, the SC1933C/SC1936C features a means to force switching
when the voltage across the primary switch is near its minimum
voltage when the converter operates in discontinuous conduction
mode (DCM). This mode of operation is automatically engaged in
DCM and disabled once the converter moves to continuous-
conduction mode (CCM).
Rather than detecting the magnetizing ring valley on the primary-
side, the peak voltage of the FORWARD pin voltage as it rises above
the output voltage level is used to gate secondary requests to initiate
the switch “ON” cycle in the primary controller.
The secondary controller detects when the controller enters in
discontinuous-mode and opens secondary cycle request windows
corresponding to minimum switching voltage across the primary
power switch.
Quasi-Resonant (QR) mode is enabled for 20 ms after DCM is detected
or when ring amplitude (pk-pk) >2 V. Afterwards, QR switching is
disabled, at which point switching may occur at any time a secondary
request is initiated.
The secondary controller includes blanking of ~1 ms to prevent false
detection of primary “ON” cycle when the FORWARD pin rings below
ground. See Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com