Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 2 Page - Power Integrations, Inc.

  SC1936C Datasheet HTML 1Page - Power Integrations, Inc. SC1936C Datasheet HTML 2Page - Power Integrations, Inc. SC1936C Datasheet HTML 3Page - Power Integrations, Inc. SC1936C Datasheet HTML 4Page - Power Integrations, Inc. SC1936C Datasheet HTML 5Page - Power Integrations, Inc. SC1936C Datasheet HTML 6Page - Power Integrations, Inc. SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Rev. C 11/18
2
SC1933C/SC1936C
www.power.com
Figure 3. Primary Controller Block Diagram.
Figure 4. Secondary Controller Block Diagram.
PI-8045a-091217
DETECTOR
ENABLE
SR
FORWARD
(FWD)
FEEDBACK
(FB)
SECONDARY
BYPASS
(BPS)
SECONDARY
GROUND
(GND)
ISENSE
(IS)
To
Primary
Receiver
SYNCRONOUS RECTIFIER DRIVE
(SR)
CABLE DROP
COMPENSATION/
FEEDBACK
COMPENSATION
FEEDBACK
DRIVER
INH
QR
TsMAX
INH
QR
tOFF(MIN)
tSECINH(MAX)
tSS(RAMP)
4.4 V
3.9 V
SR CONTROL
INH
DCM
VREF
IS THRESHOLD
VPK
FORWARD
BPSUV
OUTPUT VOLTAGE
(VOUT)
OSCILLATOR/
TIMER
REGULATOR
4.4 V
SECONDARY
LATCH
CONSTANT
POWER
HANDSHAKE/
LATCH-OFF
SR
THRESHOLD
CONTROL
S
Q
Q
R
+
+
-
+
-
+
-
VOUT
PI-8044e-051618
+
-
THERMAL
SHUTDOWN
OSCILLATOR/
TIMERS
OV/UV
LATCH-OFF
BPP/UV
VILIM
RESET
PRIM/SEC
SecPulse
PRIM/SEC
UV/OV
BPP/UV
ENABLE
ENABLE
IS
FAULT
FAULT
PRIM-CLK
GATE
BPP
DRIVER
JITTER
tON(MAX)
ILIM
BPP/UV
GATE
DRAIN
(D)
SOURCE
(S)
UNDER/OVER
INPUT VOLTAGE (V)
PRIMARY BYPASS
(BPP)
tOFF(BLOCK)
SenseFET
Power
Switch
tON(MAX)
tOFF(BLOCK)
GATE
VILIM
LATCH-OFF
GATE
PRIMARY OVP
LATCH
RECEIVER
CONTROLLER
PRIMARY
BYPASS PIN
UNDERVOLTAGE
VSHUNT
VBP+
LINE
INTERFACE
AUTO-RESTART
COUNTER
PRIMARY BYPASS
REGULATOR
PRIMARY
BYPASS PIN
CAPACITOR
SELECT AND
CURRENT
LIMIT
Q
R
S
Q
+
-
LEB
SecREQ
PRIM-CLK
SEC-
LATCH
From
Secondary
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com