Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 5Page - Power Integrations, Inc. SC1936C Datasheet HTML 6Page - Power Integrations, Inc. SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. SC1936C Datasheet HTML 10Page - Power Integrations, Inc. SC1936C Datasheet HTML 11Page - Power Integrations, Inc. SC1936C Datasheet HTML 12Page - Power Integrations, Inc. SC1936C Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Rev. C 11/18
9
SC1933C/SC1936C
www.power.com
2
3
FL1
6
T1
EQ25
4
FL2
D
S
IS
FB
InnoSwitch3
BPP
U1
SC1933C-H114
C4
2.2 nF
630 V
C6
4.7 µF
16 V
C5
6.8 µF
63 V
C8
330 µF
25 V
C10
2.2 µF
25 V
C11
2.2 µF
25 V
C12
1000 pF
50 V
C9
330 µF
25 V
C15
10 µF
35 V
C17
1 µF
100 V
C13
330 pF
100 V
C2
100 µF
400 V
R7
680 kΩ
R6
20 Ω
R5
20 Ω
D1
DFLR1800-7
D2
BAV3004WS-7
300 V
D3
BAV19WS
100 V
R11
10 Ω
C7
1 nF
200 V
C3
680 pF
250 VAC
D4
BAV19WS
100 V
R15
169 kΩ
1%
1/16 W
R16
11.5 kΩ
1%
1/10 W
R13
0.0 Ω
1/10 W
R14
0.009 Ω
1%
1/2 W
R8
3 kΩ
1/10 W
R9
47 Ω
Q1
AON6220
R12
47 Ω
1/10 W
R3
2.00 MΩ
1%
R4
1.80 MΩ
1%
V
CONTROL
BR1
GBL06
600 V
J3
J4
J1
J2
L2
04291-T231
18 mH
L1
250 µH
C1
330 nF
275 VAC
1
2
4
3
1
2
3
4
R1
1 MΩ
R2
1 MΩ
F1
3.15 A
90 - 265
VAC
D2
D1
CAPZero
U2
CAP200DG
PI-8770-081718
Figure 6. 20 V, 3.25 A Notebook Adapter.
The circuit shown in Figure 6 is a 20 V, 3.25 A adapter using SC1933C.
This design is DOE Level 6 and EC CoC 5 compliant.
Fuse F1 isolates the circuit and provides protection from component
failure, and the common mode choke L1 and L2 with capacitor C1
attenuation for EMI. Bridge rectifier BR1 rectifies the AC line voltage
and provides a full wave rectified DC across the filter capacitor C2.
Capacitor C3 is used to mitigate the common mode EMI.
Resistors R1 and R2 along with U2 discharges capacitor C1 when the
power supply is disconnected from AC mains.
One end of the transformer (T1) primary is connected to the rectified
DC bus; the other is connected to the drain terminal of the switch
inside the SC1933C IC (U1). Resistors R3 and R4 provide Input
voltage sense protection for under voltage and over voltage
conditions.
A low cost RCD clamp formed by diode D1, resistors R5, R6, and R7,
and capacitor C4 limits the peak drain voltage of U1 at the instant of
turn off of the switch inside U1. The clamp helps to dissipate the
energy stored in the leakage reactance of transformer T1.
The IC is self-starting, using an internal high-voltage current source
to charge the BPP pin capacitor (C6) when AC is first applied. During
normal operation the primary-side block is powered from an auxiliary
winding on the transformer T1. Output of the auxiliary (or bias)
winding is rectified using diode D2 and filtered using capacitor C5.
Resistor R8 limits the current being supplied to the BPP pin of the
SC1933C IC (U1).
Zener diode VR1 along with R9 and D3 offers primary sensed output
over voltage protection. In a flyback converter, output of the
auxiliary winding tracks the output voltage of the converter. In case
of over voltage at output of the converter, the auxiliary winding
voltage increases and causes breakdown of VR1 which then causes a
Applications Example
current to flow into the BPP pin of SC1933C IC U1. If the current
flowing into the BPP pin increases above the ISD threshold, the U1
controller will latch off and prevent any further increase in output
voltage.
The secondary-side of the SC1933 IC provides output voltage, output
current sensing and drive to a SR FET providing synchronous
rectification. The secondary of the transformer is rectified by SR FET
Q1 and filtered by capacitors C8 and C9. Capacitors C15 and C17 are
used to reduce the high frequency output voltage ripple. High
frequency ringing during switching transients that would other- wise
create radiated EMI is reduced via a RCD snubber R11, C7 and D4.
Diode D4 was used to minimize the dissipation in resistor R11.
The gate of Q1 is turned on by secondary side controller inside IC U1,
based on the winding voltage sensed via resistor R12 and fed into the
FWD pin of the IC.
In continuous conduction mode of operation, the SR FET is turned off
just prior to the secondary-side commanding a new switching cycle
from the primary. In discontinuous mode of operation, the power
SR FET is turned off when the voltage drop across the SR FET falls
below a threshold of V
SR(TH). Secondary-side control of the primary-
side power switch avoids any possibility of cross conduction of the
two switches and provides extremely reliable synchronous
rectification.
The secondary side of the IC U1 is self-powered from either the
secondary winding forward voltage or the output voltage. Capacitor
C10 connected to the BPS pin of IC U1 provides decoupling for the
internal circuitry. When the output voltage is below 5 V during
start-up, the device will directly power itself from the secondary
winding. During the on-time of the primary-side power switch, the
forward voltage that appears across the secondary winding is used to
charge the decoupling capacitor C10 via resistor R12 and an internal
regulator. Capacitor C11 provides decoupling for the VO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com