Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet (PDF) - Power Integrations, Inc.

SC1936C Datasheet PDF - Power Integrations, Inc.
Part # SC1936C
Download  SC1936C Download
File Size   1997.48 Kbytes
Page   28 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback

SC1936C Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1936C Datasheet PDF - Power Integrations, Inc.

Part # SC1936C
Download  SC1936C Click to download

File Size   1997.48 Kbytes
Page   28 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback

SC1936C Datasheet (HTML) - Power Integrations, Inc.


SC1936C Product details

Highly Integrated, Compact Footprint
• Up to 94% efficiency across full load range
• Quasi-Resonant (QR) / CCM flyback controller, high-voltage switch,
secondary-side sensing and synchronous rectification driver
• Integrated FluxLink™, HIPOT-isolated, feedback link
• Easily interfaces to load-directed and fast charge protocol ICs
• Constant Power (CP) Profile minimizes charging time with continuous
adjustment of output current and voltage
• Accurate CV/CC/CP, independent of external components
• External IS resistor allows custom CC programming
• Instantaneous transient response with 0%-100%-0% load step
EcoSmart™ – Energy Efficient
• Less than 30 mW no-load including line sense
• Easily meets all global energy efficiency regulations
• Low heat dissipation
Advanced Protection / Safety Features
• Open SR FET-gate detection
• Fast input line UV/OV protection
Full Safety and Regulatory Compliance
• Reinforced isolation
• Isolation voltage >4000 VAC
• 100% production HIPOT testing
• UL1577 and TUV (EN60950) safety approved
• Excellent noise immunity enables designs that achieve class “A”
performance for EN61000-4; EN61000-4-2, 4-3 (30 V/m), 4-4, 4-5,
4-6, 4-8 (100 A/m) and 4-9 (1000 A/m)
Green Package
• Halogen free and RoHS compliant
Applications
• High efficiency flyback designs
• USB PD
• Set-top boxes, networking, gaming
• High current chargers and adapters for mobile devices




Similar Part No. - SC1936C

ManufacturerPart #DatasheetDescription
logo
France Joint
SC193X210X8 FRANCEJOINT-SC193X210X8 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results


Similar Description - SC1936C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com