Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1936C Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 6Page - Power Integrations, Inc. SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. SC1936C Datasheet HTML 10Page - Power Integrations, Inc. SC1936C Datasheet HTML 11Page - Power Integrations, Inc. SC1936C Datasheet HTML 12Page - Power Integrations, Inc. SC1936C Datasheet HTML 13Page - Power Integrations, Inc. SC1936C Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Rev. C 11/18
10
SC1933C/SC1936C
www.power.com
Below the CC threshold, the device operates in constant voltage
mode. During constant voltage mode operation, output voltage
regulation is achieved through sensing the output voltage via divider
resistors R15 and R16. The voltage across R16 is fed into the FB pin
with an internal reference voltage threshold of 1.265 V. Output
voltage is regulated so as to achieve a voltage of 1.265 V on the FB
pin. Capacitor C13 provides noise filtering of the signal at the FB pin.
During CC operation power supply allows output current regulation to
be maintained V
OUT(AR). Output current is sensed by monitoring the
voltage drop across resistor R21 between the IS and SECONDARY
GROUND pins. A threshold of approximately 35 mV reduces losses.
C12 provides filtering on the IS pin from external noise. Once the
internal current sense threshold is exceeded the device regulates the
number of switch pulses to maintain a fixed output current.
Key Application Considerations
Output Power Table
The data sheet output power table (Table 1) represents the maximum
practical continuous output power level that can be obtained under
the following conditions:
1. The minimum DC input voltage is 90 V or higher for 85 VAC input,
220 V or higher for 230 VAC input or 115 VAC with a voltage-
doubler. Input capacitor voltage should be sized to meet these
criteria for AC input designs.
2. Assumed >90% efficiency.
3. Transformer primary inductance tolerance of ±7%.
4. Reflected output voltage (VOR) is set to maintain K
P = 0.8 at
minimum input voltage for universal line and K
P ≥ 1 for high input
line designs.
5. Maximum conduction losses for adapters is limited to 0.6 W, 0.8 W
for open frame designs.
6. Increased current limit is selected for peak and open frame power
columns and standard current limit for adapter columns.
7. The part is board mounted with SOURCE pins soldered to a
sufficient area of copper and/or a heat sink to keep the SOURCE
pin temperature at or below 110 °C.
8. Ambient temperature of 50 °C for open frame designs and 40 °C
for sealed adapters.
Below a value of 1, K
P is the ratio of ripple to peak primary
current. To prevent reduced power delivery, due to premature
termination of switching cycles, a transient K
P limit of ≥0.25 is
recommended. This prevents the initial current limit (I
INT) from
being exceeded at switch turn-on.
Primary-Side Overvoltage Protection (Latch-Off Mode)
Primary-side output overvoltage protection provided by the SC1933C/
SC1936C IC uses an internal latch that is triggered by a threshold
current of ISD into the PRIMARY BYPASS pin. In addition to an
internal filter, the PRIMARY BYPASS pin capacitor forms an external
filter helping noise immunity. For the bypass capacitor to be effective
as a high frequency filter, the capacitor should be located as close as
possible to the SOURCE and PRIMARY BYPASS pins of the device.
The primary sensed OVP function can be realized by connecting a
series combination of a Zener diode, a resistor and a blocking diode
from the rectified and filtered bias winding voltage supply to the
PRIMARY BYPASS pin. The rectified and filtered bias winding output
voltage may be higher than expected (up to 1.5X or 2X the desired
value) due to poor coupling of the bias winding with the output
winding and the resulting ringing on the bias winding voltage
waveform. It is therefore recommended that the rectified bias
winding voltage be measured. This measurement should be ideally
done at the lowest input voltage and with highest load on the output.
This measured voltage should be used to select the components
required to achieve primary sensed OVP. It is recommended that a
Zener diode with a clamping voltage approximately 6 V lower than the
bias winding rectified voltage at which OVP is expected to be
triggered be selected. A forward voltage drop of 1 V can be assumed
for the blocking diode. A small signal standard recovery diode is
recommended. The blocking diode prevents any reverse current
discharging the bias capacitor during start-up. Finally, the value of
the series resistor required can be calculated such that a current
higher than I
SD will flow into the PRIMARY BYPASS pin during an
output overvoltage.
Reducing No-load Consumption
The SC1933C/SC1936C IC can start in self-powered mode, drawing
energy from the BYPASS pin capacitor charged through an internal
current source. Use of a bias winding is however required to provide
supply current to the PRIMARY BYPASS pin once the SC1933C/
SC1936C IC has started switching. An auxiliary (bias) winding
provided on the transformer serves this purpose. A bias winding
driver supply to the PRIMARY BYPASS pin enables design of power
supplies with no-load power consumption less than 30 mW. Resistor
R8 shown in Figure 6 should be adjusted to achieve the lowest
no-load input power.
Secondary-Side Overvoltage Protection (Auto-Restart Mode)
The secondary-side output overvoltage protection provided by the
SC1933C/SC1936C IC uses an internal auto restart circuit that is
triggered by an input current exceeding a threshold of I
BPS(SD) into the
SECONDARY BYPASS pin. The direct output sensed OVP function can
be realized by connecting a Zener diode from the output to the
SECONDARY BYPASS pin. The Zener diode voltage needs to be the
difference between 1.25 × V
OUT and 4.4 V − the SECONDARY BYPASS
pin voltage. It is necessary to add a low value resistor in series with
the OVP Zener diode to limit the maximum current into the
SECONDARY BYPASS pin.
Selection of Components
Components for SC1933C/SC1936C
Primary-Side Circuit
BPP Capacitor
A capacitor connected from the PRIMARY BYPASS pin of the
SC1933C/SC1936C IC to GND provides decoupling for the primary-
side controller and also selects current limit. A 0.47 mF or 4.7 mF
capacitor may be used. Though electrolytic capacitors can be used,
often surface mount multi-layer ceramic capacitors are preferred for
use on double sided boards as they enable placement of capacitors
close to the IC. Their small size also makes it ideal for compact
power supplies. 16 V or 25 V rated X7R dielectric capacitors are
recommended to ensure that minimum capacitance requirements are
met.
Bias Winding and External Bias Circuit
The internal regulator connected from the DRAIN pin of the switch to
the PRIMARY BYPASS pin of the SC1933C/SC1936C primary-side
controller charges the capacitor connected to the PRIMARY BYPASS
pin to achieve start-up. A bias winding should be provided on the
transformer with a suitable rectifier and filter capacitor to create a
bias supply that can be used to supply at least 2 mA of current to the
PRIMARY BYPASS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com