Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2322F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSC2322F
Description  6-channel audio processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC2322F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSC2322F Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
第 4 页 共 11 页
电特性(除非特别说明,VCC=9V,RL=100KΩ,Rg=40Ω,f=1kHz,Tamb=25℃)
参数说明
符号
测试条件
最小值
典型值
最大值
单位
电源
电源电压
VDD
5
7.5
9
V
供应电流
Is
25
30
35
mA
音量控制
输入电阻
Rin
前左,前右,中置,低音,后左,后右
43
50
52
Ω
限制电平
Vcl
音量
=0dB,失真度=1%
4.0
Vrms
通道分离度
左
/右
Sc
100
107
120
Db
输入分离度
SIN
No-weigthing
75
81
85
dB
输入增益
GIN
-0.5
0
+0.5
dB
控制范围
Crange
79
最小衰减
Avmin
0
最大衰减
Avmax
-79
衰减步级
Sstep
1
衰减误差
EA
音量
=0 to -50 dB
-0.5
0
+0.5
dB
通道增益衰
减
GERR
音量
=0 to -50 dB
-0.5
0
+0.5
dB
扬声器衰减
控制范围
Crange
15
最小衰减
Avmin
0
最大衰减
Avmax
-15
衰减步级
Sstep
1
衰减误差
EA
-0.5
0
+0.5
dB
通道增益误
差
GERR
音量
=0 to -15 dB
-0.5
0
+0.5
dB
静音功能
输出静音衰
减
AMUTE
输入短到地
85
90
95
dB
音调控制
高音控制
控制范围
Gt
最大提升
/下降
+13
+14
+15
dB
衰减步级
Tstep
1.8
2.0
2.2
dB
中音控制
控制范围
Gt
最大提升
/下降
+13
+14
+15
dB
衰减步级
Tstep
1.8
2.0
2.2
dB
低音控制
控制范围
Gt
最大提升
/下降
+13
+14
+15
dB
衰减步级
Tstep
1.8
2.0
2.2
dB
主音量控制(包括前左,前右,中置,低音,后左,后右)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com