Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2322F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CSC2322F
Description  6-channel audio processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC2322F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CSC2322F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
第 6 页 共 11 页
制拉低
SDA 电平。这样,SDA 在这个脉冲段中保持低电平。
CSC2322P/F 在接收到每一个字节数据时都将返回一个应答信号,否则,SDA 在第九个脉冲时将保
持高电平。此时,单片机产生一个停止指令放弃数据传输数据。可参考下图:
6
无应答信号时的数据传输
如果不使用应答信号,有一种简单的单片机传输方式可用:等待一个时钟并且不要检查此时的应答
信号,之后再发送数据。如果使用此方案,将由于噪声的影响导致误操作。
7
接口协议
1.
开始条件;
2.
CSC2322P/F 地址(10001000)与应答信号;
3.
数据(
n 字节+应答信号);
4.
停止条件。
5.
最大时钟速度:
100KBIT/S。
如下图:
8
地址码
CSC2322P/F 的地址如下:88H
9
I
2C 开始时间
CSC2322P/F 上电后,需要等待一段短暂的时间以达到稳定,此时间与 CREF 的数值成正比,在 CREF
为
10μf 时,至少要等待 300ms 后才可以发送数据,否则有可能出现控制错误。
可参考下图:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com