Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2322F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CSC2322F
Description  6-channel audio processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC2322F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CSC2322F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 10Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
第 7 页 共 11 页
功能说明
MSB
LSB
功能描述
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
X
X
X
X
无功能
0
0
0
1
E3
E2
E1
E0
前置左声道附加(
TRIM)音量控制
0
0
1
0
E3
E2
E1
E0
前置右声道附加(
TRIM)音量控制
0
0
1
1
E3
E2
E1
E0
中置声道附加(
TRIM)音量控制
0
1
0
0
E3
E2
E1
E0
环绕左声道附加(
TRIM)音量控制
0
1
0
1
E3
E2
E1
E0
环绕左声道附加(
TRIM)音量控制
0
1
1
0
E3
E2
E1
E0
低音声道附加(
TRIM)音量控制
0
1
1
1
I1
I0
J1
J0
子功能控制(见子功能列表)
1
0
0
0
X
X
X
X
无功能
1
0
0
1
G3
G2
G1
G0
低音音质控制
1
0
1
0
K3
K2
K1
K0
中音音质控制
1
0
1
1
H3
H2
H1
H0
高音音质控制
1
1
0
0
0
C2
C1
C0
输入开关控制
1
1
0
1
A3
A2
A1
A0
主音量控制(
-1dB/step)
1
1
1
0
0
B2
B1
B0
主音量控制(
-10dB/step)
1
1
1
1
1
1
1
1
系统复位
注意:芯片在上电后一定要送一组数
C7H(11000111)使输入开关打开。
功能选择
I1=0
MUTE OFF
I1=1
MUTE ON
I0=0
3D ON
I0=1
3D OFF
J1=0
音质处理
ON
J1=1
音质处理
OFF
J0=0
无功能
J0=1
无功能



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com