Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2322F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CSC2322F
Description  6-channel audio processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC2322F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CSC2322F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 10Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
第 8 页 共 11 页
主音量控制数据
A3
A2(B2)
A1(B1)
A0(B0)
A Attenuation
B Attenuation
0
0
0
0
0
-0
0
0
0
1
-1
-10
0
0
1
0
-2
-20
0
0
1
1
-3
-30
0
1
0
0
-4
-40
0
1
0
1
-5
-50
0
1
1
0
-6
-60
0
1
1
1
-7
-70
1
0
0
0
-8
X
1
0
0
1
-9
X
注意:
A= -1dB/step,B= -10dB/step,x= ineffective。
音调控制位
G3/K3/H3
G2/K2/H2
G1/K1/H1
G0/K0/H0
dB
0
0
0
0
-14
0
0
0
1
-12
0
0
1
0
-10
0
0
1
1
-8
0
1
0
0
-6
0
1
0
1
-4
0
1
1
0
-2
0
1
1
1
0
1
0
0
0
+14
1
0
0
1
+12
1
0
1
0
+10
1
0
1
1
+8
1
1
0
0
+6
1
1
0
1
+4
1
1
1
0
+2
1
1
1
1
0
注意:
G:=Bass,K=Middle,H= Treble
声道平衡音量控制
E3
E2
E1
E0
dB
E3
E2
E1
E0
dB
0
0
0
0
0
1
0
0
0
-8
0
0
0
1
-1
1
0
0
1
-9
0
0
1
0
-2
1
0
1
0
-10
0
0
1
1
-3
1
0
1
1
-11
0
1
0
0
-4
1
1
0
0
-12
0
1
0
1
-5
1
1
0
1
-13
0
1
1
0
-6
1
1
1
0
-14
0
1
1
1
-7
1
1
1
1
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com