Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2322F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSC2322F
Description  6-channel audio processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC2322F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSC2322F Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2322F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
第 1 页 共 11 页
六声道音质处理器
概述与特点
CSC2322P/F 是特别为音响应用所设计的六声道音质处理器,它采用 CMOS 工艺。具有 6 声道独立
输入,
6 声道主音量控制,6 声道独立的音量配置控制,3 波段音调控制(高音,中音,低音),静音功能,
3D 效果及音调控制关功能。使用最少的外部器件就可以拥有最高的性能和可靠性。另外,引脚的分布和应
用线路的优化更易于
PCB 的排版和成本的节约。CSC2322P/F 是每一个音响系统所需的最终选择。
该电路的特点如下
低电压工作(
DC=9V)
I2C 总线控制
6 声道独立输入
6 声道主音量控制 0—79dB (1dB/STEP)
6 声道独立配置(TRIM)音量控制 0- -15db(1 dB /STEP)
3 波段音质控制(低音,中音,高音)+14db(2 dB /STEP)
静音功能
3D 音效功能
很高的通道分离度
最少的外部组成结构
采用
DIP28 和 SOP28 封装
应用
音频
/视频系统
多媒体扬声器
TV 系统
PC 音频
AC3 功放系统
引脚配置
TEL:0755-82863877 13242913995 E-mail:panxia168@126.com


Similar Part No. - CSC2322F

ManufacturerPart #DatasheetDescription
logo
WISDOM INTERNATIONAL TE...
CSC2323 WISWOOD-CSC2323 Datasheet
131Kb / 4P
6-Ch Audio Selector
July, 2003
CSC2323-S WISWOOD-CSC2323-S Datasheet
131Kb / 4P
6-Ch Audio Selector
July, 2003
logo
Continental Device Indi...
CSC2328A CDIL-CSC2328A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSC2328ANPN CDIL-CSC2328ANPN Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - CSC2322F

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
4-Channel Audio Processor IC
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
2-Channel Audio Processor IC?
logo
New Japan Radio
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
AUDIO PROCESSOR
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
AUDIO PROCESSOR
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
6-Channel Audio Processor IC
logo
Pan Jit International I...
PT2315A PANJIT-PT2315A Datasheet
396Kb / 22P
2-Channel Audio Processor IC
logo
Princeton Technology Co...
PT2312 PTC-PT2312 Datasheet
158Kb / 4P
4-Channel Audio Processor
PT2313H PTC-PT2313H Datasheet
215Kb / 4P
4-Channel Audio Processor
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
Dual channel audio processor IC
logo
Wuxi ETEK Micro-Electro...
ET2314 ETEK-ET2314 Datasheet
626Kb / 11P
4-Channel Input Audio Processor
Rev 1.0 2009-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com