Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 5 Page - Texas Instruments

  LM317KCS Datasheet HTML 1Page - Texas Instruments LM317KCS Datasheet HTML 2Page - Texas Instruments LM317KCS Datasheet HTML 3Page - Texas Instruments LM317KCS Datasheet HTML 4Page - Texas Instruments LM317KCS Datasheet HTML 5Page - Texas Instruments LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
1.28
1.285
V
IN – V
T =125°C
A
T =25°C
A
T = –40°C
A
14
15
16
17
18
19
20
Tim e – µs
9.98
10.00
10.02
10.04
10.06
10.08
10.10
V
OUT
V
IN
C
=0µF
ADJ
14
15
16
17
18
19
20
Tim e – µs
9.98
10.00
10.02
10.04
10.06
10.08
10.10
10.12
V
OUT
V
IN
C
=10µF
ADJ
-90
-80
-70
-60
-50
-40
-30
-20
-10
100
1000
10000
100000
1000000
Frequency – Hz
VIN = 15 V
VOUT = 10 V
IOUT = 500 m A
TA = 25°C
100
1k
10k
100k
1M
C
=0µF
ADJ
C
=10µF
ADJ
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
LINE REGULATION
LINE TRANSIENT RESPONSE
RIPPLE REJECTION
vs
LINE TRANSIENT RESPONSE
FREQUENCY
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com