Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 3 Page - Texas Instruments

  LM317KCS Datasheet HTML 1Page - Texas Instruments LM317KCS Datasheet HTML 2Page - Texas Instruments LM317KCS Datasheet HTML 3Page - Texas Instruments LM317KCS Datasheet HTML 4Page - Texas Instruments LM317KCS Datasheet HTML 5Page - Texas Instruments LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
3
40
V
IO
Output current
1.5
A
TJ
Operating virtual junction temperature
0
125
°C
over recommended ranges of operating virtual junction temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
TJ = 0°C to 125°C
0.02
0.07
VO ≤ 5 V
25
mV
CADJ = 10 µF,(3)
TJ = 25°C
VO ≥ 5 V
0.1
0.5
%VO
Load regulation
IO = 10 mA to 1500 mA
VO ≤ 5 V
20
70
mV
TJ = 0°C to 125°C
VO ≥ 5 V
0.3
1.5
%VO
Thermal regulation
20-ms pulse,
TJ = 25°C
0.03
0.07
%VO/W
ADJUST terminal current
50
100
µA
Change in
VI – VO = 2.5 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
0.2
5
µA
ADJUST terminal current
Reference voltage
VI – VO = 3 V to 40 V, PD ≤ 20 W, IO = 10 mA to 1500 mA
1.2
1.25
1.3
V
Output-voltage
TJ = 0°C to 125°C
0.7
%VO
temperature stability
Minimum load current
VI – VO = 40 V
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V,
PD < PMAX(4)
1.5
2.2
Maximum output current
A
VI – VO ≤ 40 V,
PD < PMAX (4),
TJ = 25°C
0.15
0.4
RMS output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
(% of VO)
CADJ = 0 µF(3)
57
Ripple rejection
VO = 10 V,
f = 120 Hz
dB
CADJ = 10 µF(3)
62
64
Long-term stability
TJ = 25°C
0.3
1
%/1k hr
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IOMAX = 1.5 A, TJ = 0°C to 125°C. Pulse testing
techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and GND.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com