Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 5Page - Texas Instruments LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments LM317KCS Datasheet HTML 10Page - Texas Instruments LM317KCS Datasheet HTML 11Page - Texas Instruments LM317KCS Datasheet HTML 12Page - Texas Instruments LM317KCS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
C1
0.1
µF
C2
1
µF
R1
240
Ω
INPUT
OUTPUT
ADJUST
LM317
VI
INPUT
OUTPUT
ADJUST
VO
LM317
R2
720
Ω
R3
120
Ω
R4
1 k
Ω
Output
Adjust
R1
1.2 k
Ω
R2
20 k
Ω
INPUT
OUTPUT
ADJUST
LM317
VO
VI
INPUT
OUTPUT
ADJUST
LM317
VO(1)
VI
INPUT
OUTPUT
ADJUST
LM317
VO(1)
VI
INPUT
OUTPUT
ADJUST
LM317
VO(1)
VI
R1
120
Ω
R2
1 k
Ω
(1) Minimum load current from each output is 10 mA. All output voltages are within 200 mV of each other.
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Figure 5. Tracking Preregulator Circuit
Figure 6. 1.25-V to 20-V Regulator Circuit With Minimum Program Current
Figure 7. Adjusting Multiple On-Card Regulators With a Single Control
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com