Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 3Page - Texas Instruments LM317KCS Datasheet HTML 4Page - Texas Instruments LM317KCS Datasheet HTML 5Page - Texas Instruments LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments LM317KCS Datasheet HTML 10Page - Texas Instruments LM317KCS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
LM317
R1
240
Ω
IAdj
R2
Adjust
Ci (Note A)
0.1
µF
CO (Note B)
1.0
µF
VI
VO (Note C)
NOTES: A. Ci is not required, but is recommended, particularly if the regulator is not in close proximity to the power-supply filter
capacitors. A 0.1-
µF disc or 1-µF tantalum provides sufficient bypassing for most applications, especially when adjustment
and output capacitors are used.
B. CO improves transient response, but is not needed for stability.
C. VO is calculated as shown:
Because IAdj typically is 50 µA, it is negligible in most applications.
D. CADJ is used to improve ripple rejection; it prevents amplification of the ripple as the output voltage is adjusted higher. If
CADJ is used, it is best to include protection diodes.
E. If the input is shorted to ground during a fault condition, protection diodes provide measures to prevent the possibility of
external capacitors discharging through low-impedance paths in the IC. By providing low-impedance discharge paths for
CO and CADJ, respectively, D1 and D2 prevent the capacitors from discharging into the output of the regulator.
Output
Input
Vref = 1.25 V
V
O
+ Vref 1 )
R
2
R
1
) (IAdj
R
2)
D1 (Note E)
1N4002
D2 (Note E)
1N4002
CADJ (Note D)
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
Figure 1. Adjustable Voltage Regulator
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com