Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 2Page - Texas Instruments LM317KCS Datasheet HTML 3Page - Texas Instruments LM317KCS Datasheet HTML 4Page - Texas Instruments LM317KCS Datasheet HTML 5Page - Texas Instruments LM317KCS Datasheet HTML 6Page - Texas Instruments LM317KCS Datasheet HTML 7Page - Texas Instruments LM317KCS Datasheet HTML 8Page - Texas Instruments LM317KCS Datasheet HTML 9Page - Texas Instruments LM317KCS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
IOUT – A
VIN = 15 V
VOUT = 10 V
f = 120 Hz
TA = 25°C
-75
-70
-65
-60
-55
-50
-45
-40
-35
5
10
15
20
25
30
35
VOUT – V
VIN – VOUT = 15 V
IOUT = 500 m A
f = 120 Hz
TA = 25°C
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
RIPPLE REJECTION
RIPPLE REJECTION
vs
vs
OUTPUT CURRENT
OUTPUT VOLTAGE
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com