Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317KCS Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KCS
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317KCS Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 13Page - Texas Instruments LM317KCS Datasheet HTML 14Page - Texas Instruments LM317KCS Datasheet HTML 15Page - Texas Instruments LM317KCS Datasheet HTML 16Page - Texas Instruments LM317KCS Datasheet HTML 17Page - Texas Instruments LM317KCS Datasheet HTML 18Page - Texas Instruments LM317KCS Datasheet HTML 19Page - Texas Instruments LM317KCS Datasheet HTML 20Page - Texas Instruments LM317KCS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MECHANICAL DATA
MPFM001E – OCTOBER 1994 – REVISED JANUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
KTE (R-PSFM-G3)
PowerFLEX
™ PLASTIC FLANGE-MOUNT
0.360 (9,14)
0.350 (8,89)
0.080 (2,03)
0.070 (1,78)
0.010 (0,25) NOM
0.040 (1,02)
Seating Plane
0.050 (1,27)
0.001 (0,03)
0.005 (0,13)
0.010 (0,25)
NOM
Gage Plane
0.010 (0,25)
0.031 (0,79)
0.041 (1,04)
4073375/F 12/00
NOM
3
1
0.350 (8,89)
0.220 (5,59)
0.360 (9,14)
0.295 (7,49)
NOM
0.320 (8,13)
0.310 (7,87)
0.025 (0,63)
0.031 (0,79)
Thermal Tab
(See Note C)
0.004 (0,10)
M
0.010 (0,25)
0.100 (2,54)
3
°–6°
0.410 (10,41)
0.420 (10,67)
0.200 (5,08)
0.365 (9,27)
0.375 (9,52)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. The center lead is in electrical contact with the thermal tab.
D. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15).
E. Falls within JEDEC MO-169
PowerFLEX is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com