Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 2 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 2 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
AUG-30-2023
Page 2 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
μF
Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
4,700
472 22 x 25 1.3 0.141
6,800
682 22 x 35 1.8 0.098 25 x 30 1.8
0.098
10,000
103 22 x 45 2.34 0.066 25 x 35 2.25
0.066 30 x 25 2.19 0.066
15,000
153
25 x 45 2.83
0.044 30 x 35 2.82 0.044 35 x 30 2.82
0.44
22,000
223
30 x 45 3.13 0.03 35 x 30 3.09
0.03
16V(1C)
16V(1C)
22 Diameter
μF
Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
3,300 332 22 x 25 1.25
0.181
4,700 472 22 x 30 1.61
0.127 25 x 25 1.61 0.127
6,800 682 22 x 35 1.91
0.088 25 x 30 1.91 0.088 30 x 25 1.91 0.088
10,000 103 22 x 45 2.51
0.06 25 x 40 2.42
0.06 30 x 30 2.42
0.06 35 x 25 2.42
0.06
15,000 153
25 x 45 3.12
0.04 30 x 35 3.11
0.04 35 x 30 3.11
0.04
22,000 223
30 x 45 3.85 0.027 35 x 40 3.85 0.027
25V(1E)
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
2,200 222 22 x 25 1.14
0.241 25 x 25 1.51 0.241
3,300 332 22 x 30 1.51
0.161 25 x 30 1.92 0.161
4,700 472 22 x 35 1.92
0.113 25 x 40 2.31 0.113 30 x 25 1.92 0.113
6,800 682 22 x 45 2.31
0.078 25 x 45 2.87 0.078 30 x 30 2.33 0.078 35 x 25 2.33 0.078
10,000 103
30 x 35 2.87 0.053 35 x 30 2.87 0.053
15,000 153
30 x 45 3.66 0.035 35 x 40 3.66 0.035
22,000 223
35 x 45 3.85 0.027
35V(1V)
μF Code
D X L
A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
1,500 152
22 x 25 1.22
0.31
2,200 222
22 x 30 1.59 0.211 25 x 25 1.59 0.211
3,300 332
22 x 35 1.93 0.141 25 x 30 1.88 0.141 30 x 25 1.88 0.141
4,700 472
22 x 45 2.43 0.099 25 x 35 2.34 0.099 30 x 30 2.42 0.099 35 x 25 2.42
0.099
6,800 682
25 x 45 3.1 0.068 30 x 35 3.1 0.068 35 x 30
3.1
0.068
10,000 103
30 x 45 4.18 0.046 35 x 40
4.2
0.046
50V(1H)
22 Diameter
22 Diameter
22 Diameter
25 Diameter
30 Diameter
35 Diameter
25 Diameter
30 Diameter
35 Diameter
25 Diameter
30 Diameter
35 Diameter
25 Diameter
30 Diameter
35 Diameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com