Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 1 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 1 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
FEATURES
SPECIFICATIONS
SNAP-IN TERMINAL TYPE
PART NUMBER EXAMPLE
AUG-30-2023
Page 1 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Has a snap-in terminal which can be soldered to a PCB
directly and not need fixture to save processing time.
Suitable for electronic equipment with medium-high voltage circuits.
Printed circuit board terminal snap-in type and lug terminal type available.
3,000 hour life


Similar Part No. - LSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
LSM STATEK-LSM Datasheet
80Kb / 2P
Low Power Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
Low Frequency - Low power SMD Oscillator
logo
Surge Components
LSM SURGE-LSM Datasheet
6Mb / 8P
snap-in terminal type
logo
Murata Manufacturing Co...
LSM-0.75/16-D12 MURATA-LSM-0.75/16-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
More results

Similar Description - LSM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
EYH VISHAY-EYH Datasheet
116Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-in
14-Feb-08
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com